Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4034GS Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP4034GS
Description  Offline LED Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4034GS Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP4034GS Datasheet HTML 11Page - Monolithic Power Systems MP4034GS Datasheet HTML 12Page - Monolithic Power Systems MP4034GS Datasheet HTML 13Page - Monolithic Power Systems MP4034GS Datasheet HTML 14Page - Monolithic Power Systems MP4034GS Datasheet HTML 15Page - Monolithic Power Systems MP4034GS Datasheet HTML 16Page - Monolithic Power Systems MP4034GS Datasheet HTML 17Page - Monolithic Power Systems MP4034GS Datasheet HTML 18Page - Monolithic Power Systems MP4034GS Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
MP4034 – OFFLINE LED DRIVER
MP4034 Rev. 1.02
www.MonolithicPower.com
16
12/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
Figure 14: Typical Application Example
Universal Input, Driving 14 LEDs in Series, 130mA LED Current, 6W Isolation Flyback Converter
U1
2.2nF/630V
C3
PGND
AGND
PGND
PGND
499k
R2
LED+
LED-
L
NP
NP_AU
FR1
1mH/0.1A
L1
10k/0805
R1
BAV21W
D2
10/1W
200V/0.2A
1206
600V/0.5A
10V/0.35A
85VAC~265VAC
13.3k/1%
R5
PGND
NS
D1
5
2
4
3
6
1
T1
10k
R7
EE13
NP:NP_AU:NS=95:23:19
1206
1206
PGND
AGND
BD1
MB6S
D3
ES1D/200V/1A
510
R3
0805
1206
20/0805
R4
Lp=1.1mH
1nF/4kV
CY1
C2
2.2uF/400V
4.7uF/400V
C1
22uF/16V
C5
32.4k/1%
R6
4.7uF/50V
C4
VCC
1
GND
2
FB
3
GND
4
GND
5
GND
6
Drain
8
MP4034/SOIC8-7A
Figure 15: Typical Application Example
Universal Input, Driving 3 LEDs in Series, 350mA LED Current, 3.5W Isolation Flyback Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com