Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4603 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP4603
Description  White LED Driver for Large LCD TV Backlights
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4603 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP4603 Datasheet HTML 1Page - Monolithic Power Systems MP4603 Datasheet HTML 2Page - Monolithic Power Systems MP4603 Datasheet HTML 3Page - Monolithic Power Systems MP4603 Datasheet HTML 4Page - Monolithic Power Systems MP4603 Datasheet HTML 5Page - Monolithic Power Systems MP4603 Datasheet HTML 6Page - Monolithic Power Systems MP4603 Datasheet HTML 7Page - Monolithic Power Systems MP4603 Datasheet HTML 8Page - Monolithic Power Systems MP4603 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MP4603 – WHITE LED DRIVER FOR LARGE LCD TV BACKLIGHTS
MP4603 Rev. 1.0
www.MonolithicPower.com
3
4/27/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.MP4603
ORDERING INFORMATION
Part Number
Package
Top Marking
Free Air Temperature (TA)
MP4603ES*
SOIC16
MP4603ES
-20°C to +85°C
MP4603EF**
TSSOP16-EP
MP4603EF
* For Tape & Reel, add suffix –Z (e.g. MP4603ES–Z);
For RoHS Compliant Packaging, add suffix –LF (e.g. MP4603ES–LF–Z)
** Contact Factory for Availability of TSSOP16-EP
PACKAGE REFERENCE
ABSOLUTE MAXIMUM RATINGS (1)
VVIN – VSS ........................................-0.3V to 85V
VINGND – VSS.....................................-0.3V to 85V
VSW – VSS ..............................-0.3V to VIN + 0.3V
VBST ...................................................... VSW + 6V
VDGD – VSS .....................................-0.3V to +12V
VVIN – VOCP ......................................-0.3V to +6V
VOVP, VFB, VCOM, VFST – VSS .............-0.3V to +6V
VADIM, VEN, VPWM, VSYN– VINGND.........-0.3V to +6V
Continuous Power Dissipation (TA = +25°C)
(2)
TSSOP16-EP............................................. 2.7W
SOIC16 ...................................................... 1.6W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature............... -65°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VVIN – VSS ...................5V to 80V
VADIM, VEN, VPWM, VSYN – VINGND..............0V to 5V
Maximum Junction Temp. (TJ) ............. +125°C
Thermal Resistance
(4)
θJA
θJC
TSSOP16-EP ......................... 45 ...... 10... °C/W
SOIC16.................................. 80 ...... 30... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device function is not guaranteed outside of the
recommended operating conditions.
4) Measured on JESD5 1-7, 4-layer PCB.
VIN
FAULT
INGND
SYN
PWM
EN
ADIM
FST
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
BST
SW
VSS
DGD
OVP
FB
COMP
SLOPE
TOP VIEW
EXPOSED PAD
FOR TSSOP20F ONLY
FAULT
VIN
INGND
SYN
BST
SW
VSS
DGD
1
2
3
4
16
15
14
13
OVP
FB
COMP
SLOPE
12
11
10
9
PWM
EN
ADIM
FST
5
6
7
8
TOP VIEW
PIN 1 ID
TSSOP16-EP
SOIC16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com