Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4603 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP4603
Description  White LED Driver for Large LCD TV Backlights
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4603 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP4603 Datasheet HTML 1Page - Monolithic Power Systems MP4603 Datasheet HTML 2Page - Monolithic Power Systems MP4603 Datasheet HTML 3Page - Monolithic Power Systems MP4603 Datasheet HTML 4Page - Monolithic Power Systems MP4603 Datasheet HTML 5Page - Monolithic Power Systems MP4603 Datasheet HTML 6Page - Monolithic Power Systems MP4603 Datasheet HTML 7Page - Monolithic Power Systems MP4603 Datasheet HTML 8Page - Monolithic Power Systems MP4603 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MP4603 – WHITE LED DRIVER FOR LARGE LCD TV BACKLIGHTS
MP4603 Rev. 1.0
www.MonolithicPower.com
4
4/27/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.MP4603
ELECTRICAL CHARACTERISTICS
VVIN = 12V, PWM and AD Pins floating, RFST=51kΩ, TA = +25°C, VVSS=VINGND=0V, unless otherwise
noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
FB Feedback Voltage
V
FB
190
200
210
mV
FB Input Current
I
FB
V
FB
= 0.2V
-0.1
0.1
μA
VIN UVLO Rising
V
VINTH
3.6
4
4.3
V
VIN UVLO Hysteresis
V
VINHYS
400
mV
Shut Down Current
I
off
V
EN
=0V
10
μA
Supply Current (Quiescent)
I
Q
V
PWM
= 0V,
V
FB
= 250mV
1.05
1.2
mA
Switch-On Resistance
(5)
RDS(ON)
0.5
Ω
Switch Leakage
I
SWLK
V
VIN
=80V, V
EN
=0V,
V
PWM
=0V, V
SW
=0V
1
μA
Switch Current Limit
(5)
I
S_MAX
2.5
A
Oscillator Frequency
f
SW
FST pin open
0.65
0.9
1.2
MHz
R
FST
= 200kΩ
180
280
390
kHz
FST Output Voltage
V
FST
1
1.1
1.2
V
Fold-back Frequency
f
SWFB
V
FB
= V
OVP
= 0V, FST pin
open
160
kHz
V
FB
= V
OVP
= 0V, R
FST
=
200kΩ
40
Slope Compensation
S
SLOPE
SLOPE pin open
0.3
0.5
0.7
V/μs
R
SLOPE
= 200kΩ
0.12
0.17
0.235
SLOPE Pin Output Voltage
V
SLOPE
1
1.1
1.2
V
Maximum Duty Cycle
D
MAX
V
FB
= 0.15V,FST pin open
88
%
Minimum ON-Time
(5)
t
ON
270
ns
SYN Input Current
I
SYN
V
SYN
= 3.3V
400
μA
V
SYN
= 0V
-750
Frequency Synchronization Range
(5)
f
SW SYN
0.1
2
MHz
PWM Dimming OFF Threshold
V
PWML
V
PWM
Falling
1.65
V
PWM Dimming ON Threshold
V
PWMH
V
PWM
Rising
2.2
V
PWM Dimming Frequency
100
50k
Hz
Minimum Analog Dimming Threshold
V
ADMIN
V
FB
= 5mV
0
mV
Maximum Analog Dimming Threshold
V
ADMAX
V
FB
= 200mV
1.2
V
ADIM Input Current
V
ADIM
= 3.3V
36
μA
V
ADIM
= 0V
-3.5
EN OFF Threshold
V
ENL
V
EN
Falling
0.9
V
EN ON Threshold
V
ENH
V
EN
Rising
1.5
V
EN Input Current
IE
N
V
EN
= 3.3V
3.8
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com