Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4603 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP4603
Description  White LED Driver for Large LCD TV Backlights
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4603 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP4603 Datasheet HTML 1Page - Monolithic Power Systems MP4603 Datasheet HTML 2Page - Monolithic Power Systems MP4603 Datasheet HTML 3Page - Monolithic Power Systems MP4603 Datasheet HTML 4Page - Monolithic Power Systems MP4603 Datasheet HTML 5Page - Monolithic Power Systems MP4603 Datasheet HTML 6Page - Monolithic Power Systems MP4603 Datasheet HTML 7Page - Monolithic Power Systems MP4603 Datasheet HTML 8Page - Monolithic Power Systems MP4603 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MP4603 – WHITE LED DRIVER FOR LARGE LCD TV BACKLIGHTS
MP4603 Rev. 1.0
www.MonolithicPower.com
5
4/27/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.MP4603
ELECTRICAL CHARACTERISTICS (continued)
VVIN = 12V, PWM and AD Pins floating, RFST=51kΩ, TA = +25°C, VVSS=VINGND=0V, unless otherwise
noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
Dim Gate Driver Sourcing Current
I
DGD+
V
DGD–VSS= 0V,
VPWM=3V
-25
mA
Dim Gate Driver Sinking Current
I
DGD-
V
DGD
–V
SS
=10V,
V
PWM
=1.5V
45
mA
LED Open OV Threshold
V
OVPTH
1.2
V
LED Short Threshold for Immediate
Latch-Off
V
FBS
600
mV
LED Short Delay for Latch-Off
τ
DFBS
300mV < V
FBS
< 600mV
450
μs
Thermal Shutdown
(5)
150
°C
Thermal Shutdown Hysteresis
(5)
20
°C
Note:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com