Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4603 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP4603
Description  White LED Driver for Large LCD TV Backlights
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4603 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP4603 Datasheet HTML 10Page - Monolithic Power Systems MP4603 Datasheet HTML 11Page - Monolithic Power Systems MP4603 Datasheet HTML 12Page - Monolithic Power Systems MP4603 Datasheet HTML 13Page - Monolithic Power Systems MP4603 Datasheet HTML 14Page - Monolithic Power Systems MP4603 Datasheet HTML 15Page - Monolithic Power Systems MP4603 Datasheet HTML 16Page - Monolithic Power Systems MP4603 Datasheet HTML 17Page - Monolithic Power Systems MP4603 Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
MP4603 – WHITE LED DRIVER FOR LARGE SIZE BACKLIGHTING
MP4603 Rev1.0
www.MonolithicPower.com
16
4/27/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.MP4603
Select
R19=300kΩ as
the
compensation
resistor.
Selecting the Input and Output Capacitor
Estimate the input capacitor and output
capacitor using the following equations.
L_ AVG
OUT
IN
sIN
IN
OUT
IV
C
fV (V
V
)

LED
OUT
OUT
sOUT
IN
OUT
IV
C
fV
(V
V
)

Where ΔVIN is about 5%-to-10% of the input
voltage, and ΔVout is about 1%-to-5% of the
output voltage. Select C2=2.2μF ceramic
capacitor as the input capacitor and C8=2.2μF
as the output capacitor
Setting the Over Voltage Protection
Set the OVP point is about 1.1x-to-1.2x of the
output voltage so that the OVP point is about
60V to 66V.
  5
OVP
12
R
V1.2V (1
)
R
Select R12=20kΩ and R5=1MΩ; the OVP point
is 63V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com