Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4603 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP4603
Description  White LED Driver for Large LCD TV Backlights
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4603 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP4603 Datasheet HTML 7Page - Monolithic Power Systems MP4603 Datasheet HTML 8Page - Monolithic Power Systems MP4603 Datasheet HTML 9Page - Monolithic Power Systems MP4603 Datasheet HTML 10Page - Monolithic Power Systems MP4603 Datasheet HTML 11Page - Monolithic Power Systems MP4603 Datasheet HTML 12Page - Monolithic Power Systems MP4603 Datasheet HTML 13Page - Monolithic Power Systems MP4603 Datasheet HTML 14Page - Monolithic Power Systems MP4603 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MP4603 – WHITE LED DRIVER FOR LARGE SIZE TV BACKLIGHTING
MP4603 Rev. 1.0
www.MonolithicPower.com
11
4/27/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.MP4603
APPLICATION INFORMATION
The MP4603 is a buck-boost LED driver. Its
novel
power
leverage
control
technology
provides a highly efficient, low-cost solution for
LCD TV LED drivers. It has a high bus voltage
and a low supply voltage (typically 12V or 24V,
up to 60V) to drive LED backlight strings
of >350V for LCD TVs measuring 60-inch or
more.
Setting the LED Current
An external resistor (RFB) sets the maximum LED
current as per:
FB
LED
0.200V
R
I
Setting the Switching Frequency
An external resistor RFST can set the switching
frequency (fS) as per:

S
FST
60k
f0.95MHz
R
This equation applies to a programmable
frequency range between 200kHz and 2MHz.
If FST pin is floating or RFST exceeds 400k, the
switching frequency is set to default value of
0.9MHz.
Setting the Slope Compensation
The
MP4603
employs
peak-current–mode
control, which needs slope compensation to
avoid sub-harmonic oscillation when the duty
cycle exceeds 50%.
The current loop has effective sense resistance
of 0.4Ω. Given a desired input/output voltage
relationship, estimate the sense current ramp-
down slope as:
L
DOWN
V
S0.4V/ s
L

Where VL is the voltage across the inductor in
volt; and L is the inductor value in μH.
Ensuring current loop stability requires a
compensation slope of at least half of the ramp-
down slope:
SC
DOWN
1
SS
2

An external resistor (RSLOPE) can set the slope
compensation for the current loop as per:
SC
SLOPE
60k
V
S= 0.6
*
s R
The equation is effective only for a resistor range
from 20kΩ to 400kΩ for RSLOPE.
If SLOPE pin is floating or RSLOPE exceeds
400k
, the slope compensation is set to default
value of 0.5V/μs.
Selecting the Inductor
The input voltage, output voltage, and LED
current factor into inductor selection. In addition,
select the inductor so that the circuit always
operates in continuous current mode (CCM).
Estimate the inductor value using the following
equation:
IN
OUT
SIN
OUT
L
VV
L
f(V
V
)
I
 
Where
IL is the inductor peak-to-peak current
ripple. Design
IL somewhere around 40% to
60% of the inductor average current, which is:
OUT
L _ AVG
LED
IN
V
II
(1
)
V
 
.
Select an inductor that does not saturate at the
maximum peak current, which is:
L_PK
L _ AVG
L
II
0.5
I
  .
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input supply and the switching
noise from the device. Use ceramic capacitors
with X5R or X7R dielectrics because they have
low
ESR
values
and
small
temperature
coefficients.
Select
a
sufficiently-large
capacitance to limit the input voltage ripple
(
VIN), which is normally less than 5%-10% of the
DC value.
L_ AVG
OUT
IN
sIN
IN
OUT
IV
C
fV
(V
V
)




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com