Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4603 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP4603
Description  White LED Driver for Large LCD TV Backlights
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4603 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP4603 Datasheet HTML 3Page - Monolithic Power Systems MP4603 Datasheet HTML 4Page - Monolithic Power Systems MP4603 Datasheet HTML 5Page - Monolithic Power Systems MP4603 Datasheet HTML 6Page - Monolithic Power Systems MP4603 Datasheet HTML 7Page - Monolithic Power Systems MP4603 Datasheet HTML 8Page - Monolithic Power Systems MP4603 Datasheet HTML 9Page - Monolithic Power Systems MP4603 Datasheet HTML 10Page - Monolithic Power Systems MP4603 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MP4603 – WHITE LED DRIVER FOR LARGE LCD TV BACKLIGHTS
MP4603 Rev. 1.0
www.MonolithicPower.com
7
4/27/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.MP4603
TYPICAL PERFORMANCE CHARACTERISTICS
Performance waveforms are tested on the evaluation board of the Design Example section.
VIN = 12V, VINH = 125V, VLED=180V ILED = 120mA, TA = 25°C, unless otherwise noted.
PWM Dimming Curve
Analog Dimming Curve
VSW
50V/div.
VIN
10V/div.
VSS
50V/div.
IL
500mA/div.
VSW
50V/div.
VIN
10V/div.
VSS
50V/div.
ILED
100mA/div.
VSW
50V/div.
VFAULT
5V/div.
VSS
50V/div.
IL
500mA/div.
VSW
50V/div.
VFAULT
5V/div.
VSS
50V/div.
ISHORT
5A/div.
VSW
50V/div.
VEN
5V/div.
VSS
50V/div.
ILED
100mA/div.
VSW
50V/div.
VPWM
5V/div.
VSS
50V/div.
ILED
100mA/div.
Steady State
VIN Start
EN Start
PWM Dimming
fPWM=200Hz, DPWM=50%
Open LED Load @ Working
Short LED- to GND @
Working
0
20
40
60
80
100
120
140
0
20
40
60
80
100
VADIM_EVB (V)
0
20
40
60
80
100
120
140
0
0.2
0.4
0.6
0.8
1
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com