Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4603 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP4603
Description  White LED Driver for Large LCD TV Backlights
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4603 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP4603 Datasheet HTML 8Page - Monolithic Power Systems MP4603 Datasheet HTML 9Page - Monolithic Power Systems MP4603 Datasheet HTML 10Page - Monolithic Power Systems MP4603 Datasheet HTML 11Page - Monolithic Power Systems MP4603 Datasheet HTML 12Page - Monolithic Power Systems MP4603 Datasheet HTML 13Page - Monolithic Power Systems MP4603 Datasheet HTML 14Page - Monolithic Power Systems MP4603 Datasheet HTML 15Page - Monolithic Power Systems MP4603 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MP4603 – WHITE LED DRIVER FOR LARGE SIZE TV BACKLIGHTING
MP4603 Rev. 1.0
www.MonolithicPower.com
12
4/27/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.MP4603
Selecting the Output Capacitor
The output capacitor normally limits the output
voltage ripple (
VOUT) to less than 1%-to-5% of
the DC value, and ensures a stable feedback
loop. Select an output capacitor value with low
impedance at the switching frequency. Use
ceramic capacitors with X5R or X7R dielectrics
for their low ESR characteristics.
LED
OUT
OUT
sOUT
IN
OUT
IV
C
fV
(V
V
)

Setting the Over Voltage Protection
The output voltages of some converters, such as
buck-boost and boost converters, can rise to very
high levels without a limiting function. Over-
voltage protection (OVP) limits the output voltage
to below the operating rating. Use a voltage
divider to set the OVP point.
  1
OVP
2
R
V1.2V (1
)
R
Where R1 and R2 are the voltage divider (refer
the
TYPICAL
APPLICATION).
For
most
applications, set the OVP point around 10% to
30% higher than the output voltage. Check that
the set OVP point will not exceed the operation
rating.
FAULT Condition Output
The MP4603 has an open drain output as a
FAULT indicator. Under normal conditions,
FAULT is a high-Z output and can be set to any
desired voltage with external resistors. However,
if VFB exceeds VSS by 600mV, or VFB exceeds
VSS by 300mV for ~450μs, or OVP triggers at
1.2V, FAULT drops to the INGND level. The Rdson
for this pull down switch is ~100Ω.
PC Board Layout
Place the high-current paths (VSS, VIN and SW)
very close to the device with short, direct, and
wide traces. Place the input capacitor as close as
possible to the VIN and VSS pins. Place the
external feedback resistors next to the FB pin.
Keep the switch node traces short and far away
from the feedback network.
Pay attention to the layout of the high frequency
switching loop, which should be placed as small
as possible.
For buck applications, the high frequency
switching loop is composed of the input capacitor,
the internal switch of IC (VIN pin to SW pin) and
the diode. Place the input capacitor and the
diode close to the IC.
For buck-boost applications, the high frequency
switching loop is composed of the input capacitor,
the internal switch, the diode and the output
capacitor. Place the input and output capacitors
close together, close to the IC, and to the diode.
Top Layer
Bottom Layer
Figure 2: PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com