Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4603 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4603
Description  White LED Driver for Large LCD TV Backlights
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4603 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4603 Datasheet HTML 1Page - Monolithic Power Systems MP4603 Datasheet HTML 2Page - Monolithic Power Systems MP4603 Datasheet HTML 3Page - Monolithic Power Systems MP4603 Datasheet HTML 4Page - Monolithic Power Systems MP4603 Datasheet HTML 5Page - Monolithic Power Systems MP4603 Datasheet HTML 6Page - Monolithic Power Systems MP4603 Datasheet HTML 7Page - Monolithic Power Systems MP4603 Datasheet HTML 8Page - Monolithic Power Systems MP4603 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MP4603
White LED Driver for
Large LCD TV Backlights
MP4603 Rev. 1.0
www.MonolithicPower.com
1
4/27/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.MP4603
The Future of Analog IC Technology
DESCRIPTION
The MP4603 is an integrated white LED driver.
It uses MPS’s patent-pending technology to
drive the backlights for LCD TVs measuring 60-
inches or larger, for LED string voltages up to
350V. This novel technology can leverage the
LED drive power by regulating only a small
portion of the LED drive voltage—together with
a fixed high-voltage source, a low-voltage LED
driver can drive high voltage LED strings. This
method allows for a super-high power density,
higher efficiency and lower cost due to the low
voltage stress, higher switching frequencies,
and smaller passive components.
The MP4603 is a current-mode–controlled
buck-boost regulator. With a 12V input VINL and
a high voltage source VINH, it can deliver a
regulated voltage (VINH to VINH+68V) to drive a
LED string with up to 100 LEDs. It can drive an
external switch in series with the LED string to
achieve over 1:1000 dimming ratio. Analog
dimming can be applied at the same time to
further improve the dimming ratio. Fault
protections include LED open-string protection,
output short-circuit protection, cycle-by-cycle
peak current limiting, and thermal shutdown.
The MP4603 is available in TSSOP16-EP and
SOIC16 packages.
FEATURES
 Novel Power-Leverage-Control Technology
 Unique Step-Up/Down Operation
 Up to 99.5% Efficiency
 0.5Ω Internal Power MOSFET
 Switching Frequency Synchronization
 Over 1:1000 Dimming Ratio
 Separate Analog and PWM Dimming
 ±5% 200mV Reference Voltage
 10μA Shutdown Mode
 Cycle-by-Cycle Over-Current Protection
 Thermal Shutdown Protection
 LED String Open and Short Protection
 FAULT Output at LED Protection
 Output Short-Circuit Protection
 Available in TSSOP16-EP and SOIC16
Packages
APPLICATIONS
 Large LCD Panels Backlighting
 High Power Street LED Lighting
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP4603

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4603ES MPS-MP4603ES Datasheet
326Kb / 6P
Buck-Boost White LED Driver For TV Backlighting Applications
More results

Similar Description - MP4603

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8845 AD-ADM8845 Datasheet
382Kb / 20P
Charge Pump Driver for LCD White LED Backlights
10/04-Revision 0
logo
Monolithic Power System...
MP4601 MPS-MP4601 Datasheet
447Kb / 16P
White LED Driver For Large Size TV Backlighting
logo
Rohm
BD9397EFV ROHM-BD9397EFV Datasheet
862Kb / 30P
White LED Driver for large LCD panel
BD9422EFV ROHM-BD9422EFV Datasheet
1Mb / 28P
White LED Driver for large LCD panel
logo
Analog Devices
ADM8845 AD-ADM8845_15 Datasheet
321Kb / 20P
Charge Pump Driver for LCD White LED Backlights
REV. C
logo
Rohm
BD9397EFV ROHM-BD9397EFV_15 Datasheet
1Mb / 31P
White LED Driver for large LCD panel
BD9422EFV ROHM-BD9422EFV_15 Datasheet
1Mb / 30P
White LED Driver for large LCD panel
logo
LG Semicon Co.,Ltd.
42LN5200 LG-42LN5200 Datasheet
8Mb / 48P
LG LED TV applies LCD screen with LED backlights.
logo
Analog Devices
ADM8845 AD-ADM8845_V01 Datasheet
509Kb / 18P
Charge Pump Driver for LCD White LED Backlights
Rev. D
logo
Rohm
BD94062F ROHM-BD94062F Datasheet
2Mb / 35P
1ch Buck Type White LED Driver for Large LCD
15.May.2018 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com