Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6402 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6402
Description  Dual, High PSRR 500mA Linear Regulator With Integrated Reset Circuit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6402 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6402 Datasheet HTML 1Page - Monolithic Power Systems MP6402 Datasheet HTML 2Page - Monolithic Power Systems MP6402 Datasheet HTML 3Page - Monolithic Power Systems MP6402 Datasheet HTML 4Page - Monolithic Power Systems MP6402 Datasheet HTML 5Page - Monolithic Power Systems MP6402 Datasheet HTML 6Page - Monolithic Power Systems MP6402 Datasheet HTML 7Page - Monolithic Power Systems MP6402 Datasheet HTML 8Page - Monolithic Power Systems MP6402 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MP6402 –DUAL 500MA LDO LINEAR REGULATORS WITH INTEGRATED RESET IC
MP6402 Rev.1.0
www. MonolithicPower.com
2
4/8/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
Junction Air Temperature (TJ)
MP6402DN-EF-LF-Z*
SOIC8E
6402DNEF
-40°C to +125°C
MP6402DQT-EF-LF-Z**
TQFN8 (3x3mm)
9X
-40°C to +125°C
*
For Tape & Reel, add suffix –Z (e.g. MP6402DN–Z);
For RoHS compliant packaging, add suffix –LF (e.g. MP6402DN–LF–Z).
**
For Tape & Reel, add suffix –Z (e.g. MP6402DQT–Z);
For RoHS compliant packaging, add suffix –LF (e.g. MP6402DQT–LF–Z).
ORDERING GUIDE***
MP6402DQT
Output Voltage 2 (Table 1)
Output Voltage 1 (Table 1)
Package
Temperature
_ _ - LFZ
DN
Table 1 — Output Voltage Selector Guide
Code
VOUT1
VOUT2
A
0.9
--
B
1.05
--
C
1.2
--
D
1.3
1.3
E
1.8
1.8
F
2.5
2.5
G
2.8
2.8
H
--
3.3
*** Code in Bold are standard versions. For other output voltage
between 0.9V to 3.3V contact factory for availability.
Minimum order quantity on no-standard version in 25,000 units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com