Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6402 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP6402
Description  Dual, High PSRR 500mA Linear Regulator With Integrated Reset Circuit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6402 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP6402 Datasheet HTML 7Page - Monolithic Power Systems MP6402 Datasheet HTML 8Page - Monolithic Power Systems MP6402 Datasheet HTML 9Page - Monolithic Power Systems MP6402 Datasheet HTML 10Page - Monolithic Power Systems MP6402 Datasheet HTML 11Page - Monolithic Power Systems MP6402 Datasheet HTML 12Page - Monolithic Power Systems MP6402 Datasheet HTML 13Page - Monolithic Power Systems MP6402 Datasheet HTML 14Page - Monolithic Power Systems MP6402 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MP6402 –DUAL 500MA LDO LINEAR REGULATORS WITH INTEGRATED RESET IC
MP6402 Rev.1.0
www. MonolithicPower.com
13
4/8/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
APPLICATION INFORMATION
Operating Region and Power Dissipation
The maximum power dissipation of MP6402
depends on the thermal resistance of the case
and circuit board, the temperature difference
between the die junction and ambient air, and the
rate of airflow. The power dissipation across the
device is
P = IOUT x (VIN - VOUT)
The maximum power dissipation is:
PD (MAX) = (TJ (MAX)-TA)/θJA
Where (TJ (MAX) – TA) is the temperature
difference between the MP6402 die junction and
the surrounding environment, θJA is the thermal
resistance from the junction to the surrounding
environment. The FIN of the MP6402 performs
the dual function of providing an electrical
connection to ground and channeling heat away.
Connect the FIN to ground using a large pad or
ground plane.
Input Capacitor Selection
Using a capacitor whose value is higher than 1µF
on the MP6402 input and the amount of
capacitance can be increased without limit.
Larger values will help improve line transient
response with the drawback of increased size.
Ceramic capacitors are preferred.
Output Capacitor Selection
The MP6402 is designed specifically to work with
very low ESR ceramic output capacitor in space-
saving
and
performance
consideration.
A
ceramic capacitor in the range of 3.3µF and 10µF,
and with ESR lower than 0.5Ω is suitable for the
MP6402 application circuit. Output capacitor of
larger values will help to improve load transient
response and reduce noise with the drawback of
increased size.
Programmable Reset Delay Time
The reset delay time is determined by the value
of external capacitor (C4) connected to ExtCap
pin. Typically the reset delay time is 2.1mSec
when the external capacitor is 3300pF. For a
given delay time, the capacitor value can be
calculated using the following equation:
0.1
]
6
.
0
)
nF
(
C
[
)
ms
(
T
4
D
+
×
=
The reset delay time is determined by the charge
time of external capacitor. Stray capacitance may
cause errors of the delay time.
A ceramic
capacitor
with
low
leakage
is
strongly
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com