Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6402 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP6402
Description  Dual, High PSRR 500mA Linear Regulator With Integrated Reset Circuit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6402 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP6402 Datasheet HTML 4Page - Monolithic Power Systems MP6402 Datasheet HTML 5Page - Monolithic Power Systems MP6402 Datasheet HTML 6Page - Monolithic Power Systems MP6402 Datasheet HTML 7Page - Monolithic Power Systems MP6402 Datasheet HTML 8Page - Monolithic Power Systems MP6402 Datasheet HTML 9Page - Monolithic Power Systems MP6402 Datasheet HTML 10Page - Monolithic Power Systems MP6402 Datasheet HTML 11Page - Monolithic Power Systems MP6402 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MP6402 –DUAL 500MA LDO LINEAR REGULATORS WITH INTEGRATED RESET IC
MP6402 Rev.1.0
www. MonolithicPower.com
8
4/8/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (
continued)
VIN = 3V, VOUT1=1.8V, VOUT2=2.5V, CIN = COUT1= COUT2=3.3µF, TA = +25ºC, unless otherwise noted.
VOUT1
1V/div
IOUT1
500mA/div
VOUT2
2V/div
IOUT2
500mA/div
VIN
2V/div
VOUT1
1V/div
IOUT1
500mA/div
VOUT2
2V/div
IOUT2
500mA/div
VIN
2V/div
VOUT1
1V/div
IOUT1
500mA/div
VOUT2
2V/div
IOUT2
500mA/div
EN
3V/div
1ms/div
4ms/div
10ms/div
4ms/div
IOUT
500mA/div
VOUT1/AC
50mV/div
VIN
2V/div
VIN
2V/div
VOUT1
1V/div
VOUT1/AC
10mV/div
VOUT2/AC
10mV/div
IOUT
200mA/div
Input Power Start Up
IOUT1=IOUT2=500mA
with Resistor Load
Input Power Shutdown
IOUT1=IOUT2=500mA
with Resistor Load
EN Start Up
IOUT1=IOUT2=500mA
with Resistor Load
VOUT1
1V/div
IOUT1
500mA/div
VOUT2
2V/div
IOUT2
500mA/div
EN
3V/div
EN Shutdown
IOUT1=IOUT2=500mA
with Resistor Load
Line Transient
VIN=3V to 5.5V, IOUT=500mA
with Resistor Load
Load Transient
VOUT1=1.8V, IOUT=10mA to 500mA
with Resistor Load
IOUT
500mA/div
VOUT2/AC
50mV/div
Load Transient
VOUT2=2.5V, IOUT=10mA to 500mA
with Resistor Load
Over Current
Protection Entry
VIN
2V/div
VOUT1
1V/div
VOUT2
2V/div
IIN
200mA/div
Over Current
Protection Steady State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com