Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6402 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6402
Description  Dual, High PSRR 500mA Linear Regulator With Integrated Reset Circuit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6402 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6402 Datasheet HTML 1Page - Monolithic Power Systems MP6402 Datasheet HTML 2Page - Monolithic Power Systems MP6402 Datasheet HTML 3Page - Monolithic Power Systems MP6402 Datasheet HTML 4Page - Monolithic Power Systems MP6402 Datasheet HTML 5Page - Monolithic Power Systems MP6402 Datasheet HTML 6Page - Monolithic Power Systems MP6402 Datasheet HTML 7Page - Monolithic Power Systems MP6402 Datasheet HTML 8Page - Monolithic Power Systems MP6402 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP6402
Dual, High PSRR 500mA Linear Regulator
With Integrated Reset Circuit
MP6402 Rev.1.0
www. MonolithicPower.com
1
4/8/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP6402 is a dual-channel, high PSRR
linear regulator with reset function.
The outputs range from 0.9V and 3.3V with
±1.5% voltage accuracy at both channels by
operating from a +2.5V to +5.5V input. OUT2
pin voltage is recommended to be higher than
OUT1 pin voltage. Short circuit protection and
thermal protection are built in to prevent
damage caused by output short circuit and
overloading, respectively.
A reset circuit is designed to monitor output
voltage of channel 2. The
R E S E T
becomes
active (low) when OUT2 pin voltage drops
below its threshold. To ensure that a complete
reset occurs, the
R E S E T
remains active for a
pre-set
delay
time.
The
delay
time
is
programmable by the user through changing
the external capacitor. The MP6402 is available
in SOIC8E and 3x3mm TQFN8 packages and
is specified for operation T
J
from -40
°C to
+125
°C.
FEATURES
• Up to 500mA Output Current
• High Output Voltage Accuracy (±1.5%)
• High Reset Voltage Accuracy (±3%)
• Programmable Reset Delay Time
• High PSRR: 60dB at 100Hz
• 15µVRMS Low Noise Outputs
• Built-in Short Circuit Protection
• Built-in Thermal Protection
• Output Discharge
• SOIC8E and 3x3mm TQFN8
APPLICATIONS
• Consumer electronics
• Blu-ray
• Portable GPS Devices
• Wireless Devices
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP6402
IN
IN
RESET
OUT1
OUT2
EN
GND
ExtCap
RESET
VIN
5V
VOUT2
EN
VOUT1
C4
3300pF
R1
22.1k


Similar Part No. - MP6402

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
Low Quiescent Current Programmable-Delay Supervisory Circuit
MP6400DG-01 MPS-MP6400DG-01 Datasheet
300Kb / 12P
Low Quiescent Current Programmable-Delay Supervisory Circuit
MP6400DG-09 MPS-MP6400DG-09 Datasheet
300Kb / 12P
Low Quiescent Current Programmable-Delay Supervisory Circuit
MP6400DG-12 MPS-MP6400DG-12 Datasheet
300Kb / 12P
Low Quiescent Current Programmable-Delay Supervisory Circuit
MP6400DG-15 MPS-MP6400DG-15 Datasheet
300Kb / 12P
Low Quiescent Current Programmable-Delay Supervisory Circuit
More results

Similar Description - MP6402

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9612 GMT-G9612 Datasheet
539Kb / 8P
Low-Dropout, 500mA Linear Regulator with Reset
logo
Holtek Semiconductor In...
HT78BXX HOLTEK-HT78BXX Datasheet
2Mb / 16P
High PSRR 500mA LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL8565 BELLING-BL8565 Datasheet
157Kb / 7P
500mA High PSRR, Low Dropout Voltage Linear Regulator
BL8568 BELLING-BL8568 Datasheet
1Mb / 7P
500mA High PSRR, Low Noise, Fast Response Linear Regulator
BL8569 BELLING-BL8569 Datasheet
190Kb / 7P
Dual 500mA High PSRR Linear Regulator
logo
ACE Technology Co., LTD...
ACE520 ACE-ACE520 Datasheet
663Kb / 9P
Dual 300mA High PSRR Linear Regulator
VER 1.4
logo
Monolithic Power System...
MP6401 MPS-MP6401 Datasheet
318Kb / 16P
300mA LDO Linear Regulator with Integrated Reset Circuit
logo
ACE Technology Co., LTD...
ACE519C ACE-ACE519C Datasheet
638Kb / 9P
500mA High PSRR, Linear Regulator
VER 1.2
ACE520C ACE-ACE520C Datasheet
1Mb / 8P
Dual 300mA High PSRR Linear Regulator
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8568 BELLING-BL8568_13 Datasheet
804Kb / 8P
500mA High PSRR, Linear Regulator, w. Output Discharge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com