Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6402 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP6402
Description  Dual, High PSRR 500mA Linear Regulator With Integrated Reset Circuit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6402 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP6402 Datasheet HTML 6Page - Monolithic Power Systems MP6402 Datasheet HTML 7Page - Monolithic Power Systems MP6402 Datasheet HTML 8Page - Monolithic Power Systems MP6402 Datasheet HTML 9Page - Monolithic Power Systems MP6402 Datasheet HTML 10Page - Monolithic Power Systems MP6402 Datasheet HTML 11Page - Monolithic Power Systems MP6402 Datasheet HTML 12Page - Monolithic Power Systems MP6402 Datasheet HTML 13Page - Monolithic Power Systems MP6402 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MP6402 –DUAL 500MA LDO LINEAR REGULATORS WITH INTEGRATED RESET IC
MP6402 Rev.1.0
www. MonolithicPower.com
10
4/8/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
BLOCK DIAGRAM
SHUTDOWN
LOGIC
Thermal
Shut Down
Detecter
Reset Timer
Current Limit
Current Limit
Reference
Voltage
EN
IN
OUT1
OUT2
ExtCap
GND
RESET
--
+
--
+
Figure 1—MP6402 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com