Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6402 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6402
Description  Dual, High PSRR 500mA Linear Regulator With Integrated Reset Circuit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6402 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6402 Datasheet HTML 1Page - Monolithic Power Systems MP6402 Datasheet HTML 2Page - Monolithic Power Systems MP6402 Datasheet HTML 3Page - Monolithic Power Systems MP6402 Datasheet HTML 4Page - Monolithic Power Systems MP6402 Datasheet HTML 5Page - Monolithic Power Systems MP6402 Datasheet HTML 6Page - Monolithic Power Systems MP6402 Datasheet HTML 7Page - Monolithic Power Systems MP6402 Datasheet HTML 8Page - Monolithic Power Systems MP6402 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MP6402 –DUAL 500MA LDO LINEAR REGULATORS WITH INTEGRATED RESET IC
MP6402 Rev.1.0
www. MonolithicPower.com
3
4/8/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PACKAGE REFERENCE
IN
IN
EN
GND
OUT1
OUT2
RESET
ExtCap
1
2
3
4
8
7
6
5
TOP VIEW
TOP VIEW
1
2
3
4
8
7
6
5
IN
IN
EN
GND
OUT1
OUT2
RESET
ExtCap
SOIC8E
TQFN8 (3mm x 3mm)
ABSOLUTE MAXIMUM RATINGS
(1)
IN ......................................................-0.3V to 6V
R E S E T
.............................................-0.3V to 6V
All Other Pins..................................-0.3V to +6V
Continuous Power Dissipation. (TA = +25°C)
(2)
SOIC8E...................................................... 2.2W
TQFN8 (3mm x 3mm)................................ 2.6W
Storage Temperature Range ..... -55°C to 150°C
Junction Temperature...............................150°C
Lead Temperature (Soldering, 10sec) ......260°C
Recommended Operating Conditions
(3)
Input Voltage VIN .............................2.5V to 5.5V
Operating Junct. Temp (TJ)...... -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
SOIC8E...................................55 ...... 12 ...
°C/W
TQFN8 (3mm x 3mm) ............48 ...... 11 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of
the maximum junction temperature TJ (MAX), the junction-to-
ambient
thermal
resistance
θJA,
and
the
ambient
temperature TA. The maximum allowable continuous power
dissipation at any ambient temperature is calculated by PD
(MAX) = (TJ (MAX)-TA)/θJA. Exceeding the maximum
allowable power dissipation will cause excessive die
temperature, and the regulator will go into thermal
shutdown. Internal thermal shutdown circuitry protects the
device from permanent damage. Thermal shutdown
engages
at
TJ=150
oC(TYP)
and
disengages
at
TJ=130
oC(TYP)
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com