Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6402 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP6402
Description  Dual, High PSRR 500mA Linear Regulator With Integrated Reset Circuit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6402 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP6402 Datasheet HTML 3Page - Monolithic Power Systems MP6402 Datasheet HTML 4Page - Monolithic Power Systems MP6402 Datasheet HTML 5Page - Monolithic Power Systems MP6402 Datasheet HTML 6Page - Monolithic Power Systems MP6402 Datasheet HTML 7Page - Monolithic Power Systems MP6402 Datasheet HTML 8Page - Monolithic Power Systems MP6402 Datasheet HTML 9Page - Monolithic Power Systems MP6402 Datasheet HTML 10Page - Monolithic Power Systems MP6402 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MP6402 –DUAL 500MA LDO LINEAR REGULATORS WITH INTEGRATED RESET IC
MP6402 Rev.1.0
www. MonolithicPower.com
7
4/8/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (
continued)
VIN = 3V, VOUT1=1.8V, VOUT2=2.5V, CIN = COUT1= COUT2=3.3µF, TA = +25ºC, unless otherwise noted.
TEMPERATURE (oC)
TEMPERATURE (oC)
-1.1
-0.7
-0.3
0.1
0.5
0.9
0
100
200
300
400 500
OUTP UT CUR R ENT(mA)
VOUT1=1.8V
Load Regulation
VOUT2=2.5V
Load Regulation
-1.1
-0.7
-0.3
0.1
0.5
0.9
0
100
200
300
400
500
OUTP UT CUR R ENT(mA)
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
-40 -20 0
20
40
60 80 100
IOUT1=10mA
VOUT2
VOUT1
Output Voltage Accuracy
vs. Temperature
-20
-10
0
10
20
30
40
50
60
70
80
101 102 103 104 105 106
107
FREQUENCY(Hz)
VOUT1
VOUT2
PSRR Frequency Ranged
From 10Hz to 2MHz
IO=100mA
0.1
1
10
100
0
100
200
300
400
500
OUTPUT CURRENT(mA)
Region of Stable COUT ESR
vs. Output Current
Unstable Range
Stable Range
RESET Delay Time
vs. Ext Cap
EXT CAP (nF)
1
1.5
2
2.5
3
-40
-15
10
35
60
85
RESET Delay Time
vs. Temperature
ExtCap=3300pF
1
10
100
1000
10000
1
10
100
1000
10000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com