Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6402 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6402
Description  Dual, High PSRR 500mA Linear Regulator With Integrated Reset Circuit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6402 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6402 Datasheet HTML 1Page - Monolithic Power Systems MP6402 Datasheet HTML 2Page - Monolithic Power Systems MP6402 Datasheet HTML 3Page - Monolithic Power Systems MP6402 Datasheet HTML 4Page - Monolithic Power Systems MP6402 Datasheet HTML 5Page - Monolithic Power Systems MP6402 Datasheet HTML 6Page - Monolithic Power Systems MP6402 Datasheet HTML 7Page - Monolithic Power Systems MP6402 Datasheet HTML 8Page - Monolithic Power Systems MP6402 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MP6402 –DUAL 500MA LDO LINEAR REGULATORS WITH INTEGRATED RESET IC
MP6402 Rev.1.0
www. MonolithicPower.com
4
4/8/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN= VOUT2+0.5V or 2.5V for each LDO. Typical Value at TA = +25°C unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Quiescent Current (ON)
Iq
EN activate without load
0.4
0.58
mA
Quiescent Current (OFF)
IqEBL
EN deactivate
17
36
µA
Output Voltage Range
VOUT
0.9
3.3
V
Dropout Voltage
VDROP
IOUT=500mA
260
mV
Output Voltage Accuracy
IOUT=10mA
-1.5
1.5
%
IOUT=10mA, TA=-40°C to
85
°C
-2.3
2.3
%
Output Current Limit
ILIM
550
mA
Short Circuit Current
IST
OUT short to GND
200
mA
Load Regulation
△
VOUT1
VIN=(VOUT1+0.5V or 2.5V),
IOUT1=1mA to 500mA
45
mV
△
VOUT2
VIN=(VOUT2+0.5V or 2.5V),
IOUT2=1mA to 500mA
50
mV
Line Regulation
△
VLINE1
VIN=(VOUT1+0.5V or 2.5V) to
5.5V, IOUT1=10mA
0.05
0.1
%/V
△
VLINE2
VIN=(VOUT2+0.5V or 2.5V) to
5.5V, IOUT2=10mA
0.05
0.1
%/V
PSRR
VOUT1=1.8V
PSR
f=100Hz, IOUT1=100mA
60
dB
VOUT2=2.5V
PSR2
f=100Hz, IOUT2=100mA
51
dB
Output Voltage Noise
100Hz
to
80kHz,
COUT=3.3µF, IOUT=10mA
15
µVRMS
RESET OUT
Reset Delay Time
RSTDLY
VIN=VOUT2+0.5V,
ExtCap=3300pF
1.4
2.1
2.8
ms
Reset Voltage
RSTVOL
VIN falling
92.5
%VOUT2
Reset Hysteresis
△
VHYS
2
%VOUT2
Reset Voltage Accuracy
-3
3
%
Reset Low Level Voltage
RSTLOW
IIN=2mA
0.2
V
EN Input High Voltage
1.5
V
EN Input High Voltage
0.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com