Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA600 Datasheet(PDF) 38 Page - Microsemi Corporation

Part # APA600
Description  ProASICPLUS Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA600 Datasheet(HTML) 38 Page - Microsemi Corporation

Back Button APA600 Datasheet HTML 34Page - Microsemi Corporation APA600 Datasheet HTML 35Page - Microsemi Corporation APA600 Datasheet HTML 36Page - Microsemi Corporation APA600 Datasheet HTML 37Page - Microsemi Corporation APA600 Datasheet HTML 38Page - Microsemi Corporation APA600 Datasheet HTML 39Page - Microsemi Corporation APA600 Datasheet HTML 40Page - Microsemi Corporation APA600 Datasheet HTML 41Page - Microsemi Corporation APA600 Datasheet HTML 42Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 178 page
background image
ProASICPLUS Flash Family FPGAs
2- 28
v5.9
Calculating Typical Power Dissipation
ProASICPLUS device power is calculated with both a static and an active component. The active component is a function
of both the number of tiles utilized and the system speed. Power dissipation can be calculated using the following
formula:
Total Power Consumption—Ptotal
Ptotal = Pdc + Pac
where:
Global Clock Contribution—Pclock
Pclock, the clock component of power dissipation, is given by the piece-wise model:
for R < 15000 the model is: (P1 + (P2*R) – (P7*R2)) * Fs (lightly-loaded clock trees)
for R > 15000 the model is: (P10 + P11*R) * Fs (heavily-loaded clock trees)
where:
Storage-Tile Contribution—Pstorage
Pstorage, the storage-tile (Register) component of AC power dissipation, is given by
Pstorage = P5 * ms * Fs
where:
Pdc =
7 mW for the APA075
8 mW for the APA150
11 mW for the APA300
12 mW for the APA450
12 mW for the APA600
13 mW for the APA750
19 mW for the APA1000
Pdc includes the static components of PVDDP + PVDD + PAVDD
Pac =Pclock + Pstorage + Plogic + Poutputs + Pinputs + Ppll + Pmemory
P1
= 100 µW/MHz is the basic power consumption of the clock tree per MHz of the clock
P2
= 1.3 µW/MHz is the incremental power consumption of the clock tree per storage tile – also per MHz of the
clock
P7
= 0.00003 µW/MHz is a correction factor for partially-loaded clock trees
P10
= 6850 µW/MHz is the basic power consumption of the clock tree per MHz of the clock
P11
= 0.4 µW/MHz is the incremental power consumption of the clock tree per storage tile – also per MHz of
the clock
R
= the number of storage tiles clocked by this clock
Fs
= the clock frequency
P5
=
1.1 µW/MHz is the average power consumption of a storage tile per MHz of its output toggling rate.
The maximum output toggling rate is Fs/2.
ms
=
the number of storage tiles (Register) switching during each Fs cycle
Fs
=
the clock frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com