Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA600 Datasheet(PDF) 49 Page - Microsemi Corporation

Part # APA600
Description  ProASICPLUS Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA600 Datasheet(HTML) 49 Page - Microsemi Corporation

Back Button APA600 Datasheet HTML 45Page - Microsemi Corporation APA600 Datasheet HTML 46Page - Microsemi Corporation APA600 Datasheet HTML 47Page - Microsemi Corporation APA600 Datasheet HTML 48Page - Microsemi Corporation APA600 Datasheet HTML 49Page - Microsemi Corporation APA600 Datasheet HTML 50Page - Microsemi Corporation APA600 Datasheet HTML 51Page - Microsemi Corporation APA600 Datasheet HTML 52Page - Microsemi Corporation APA600 Datasheet HTML 53Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 178 page
background image
ProASICPLUS Flash Family FPGAs
v5.9
2-39
IDDQ
Quiescent Supply Current
(standby)
Military
VIN = GND
4 or V
DD
Std.
5.0
25
mA
IOZ
Tristate
Output
Leakage
Current
VOH = GND or VDD
Std.
–10
10
µA
IOSH
Output Short Circuit Current
High
3.3 V High Drive (OB33P)
3.3 V Low Drive (OB33L)
VIN = GND
VIN = GND
–200
–100
IOSL
Output Short Circuit Current
Low
3.3 V High Drive
3.3 V Low Drive
VIN = VDD
VIN = VDD
200
100
CI/O
I/O Pad Capacitance
10
pF
CCLK
Clock Input Pad Capacitance
10
pF
Table 2-24 • DC Electrical Specifications (VDDP = 3.3 V ±0.3 V and VDD = 2.5 V ±0.2 V) (Continued)
Applies to Military Temperature and MIL-STD-883B Temperature Only
Symbol
Parameter
Conditions
Military/MIL-STD-883B1
Units
Min.
Typ.
Max.
Notes:
1. All process conditions. Military Temperature / MIL-STD-883 Class B: Junction Temperature: –55 to +125°C.
2. During transitions, the input signal may overshoot to VDDP +1.0 V for a limited time of no larger than 10% of the duty cycle.
3. During transitions, the input signal may undershoot to –1.0 V for a limited time of no larger than 10% of the duty cycle.
4. No pull-up resistor required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com