Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA600 Datasheet(PDF) 80 Page - Microsemi Corporation

Part # APA600
Description  ProASICPLUS Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA600 Datasheet(HTML) 80 Page - Microsemi Corporation

Back Button APA600 Datasheet HTML 76Page - Microsemi Corporation APA600 Datasheet HTML 77Page - Microsemi Corporation APA600 Datasheet HTML 78Page - Microsemi Corporation APA600 Datasheet HTML 79Page - Microsemi Corporation APA600 Datasheet HTML 80Page - Microsemi Corporation APA600 Datasheet HTML 81Page - Microsemi Corporation APA600 Datasheet HTML 82Page - Microsemi Corporation APA600 Datasheet HTML 83Page - Microsemi Corporation APA600 Datasheet HTML 84Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 178 page
background image
ProASICPLUS Flash Family FPGAs
2- 70
v5.9
Synchronous FIFO Read, Pipeline Mode Outputs (Synchronous Pipelined)
Note: The plot shows the normal operation status.
Figure 2-43 • Synchronous FIFO Read, Pipeline Mode Outputs (Synchronous Pipelined)
Table 2-66 • TJ = 0°C to 110°C; VDD = 2.3 V to 2.7 V for Commercial/Industrial
TJ = –55°C to 150°C, VDD = 2.3 V to 2.7 V for Military/MIL-STD-883
Symbol txxx
Description
Min.
Max.
Units
Notes
CCYC
Cycle time
7.5
ns
CMH
Clock high phase
3.0
ns
CML
Clock low phase
3.0
ns
ECBA
New EMPTY access from RCLKS
↓
3.0*
ns
FCBA
FULL
↓ access from RCLKS ↓
3.0*
ns
ECBH, FCBH,
THCBH
Old EMPTY, FULL, EQTH, & GETH valid hold
time from RCLKS
↓
1.0
ns
Empty/full/thresh are invalid from the end of
hold until the new access is complete
OCA
New DO access from RCLKS
↑
2.0
ns
OCH
Old DO valid from RCLKS
↑
0.75
ns
RDCH
RDB hold from RCLKS
↑
0.5
ns
RDCS
RDB setup to RCLKS
↑
1.0
ns
RPCA
New RPE access from RCLKS
↑
4.0
ns
RPCH
Old RPE valid from RCLKS
↑
1.0
ns
HCBA
EQTH or GETH access from RCLKS
↓
4.5
ns
Note: *At fast cycles, ECBA and FCBA = MAX (7.5 ns – CMS), 3.0 ns.
RCLK
RPE
RDATA
EMPTY
EQTH, GETH
FULL
Old Data Out
New Valid Data Out
RDB
Cycle Start
Old RPE Out
New RPE Out
tECBH, tFCBH
tRDCH
tRDCS
tOCA
tECBA, tFCBA
tTHCBH
tHCBA
tCMH
tCML
tCCYC
tRPCH
tOCH
tRPCA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com