Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA600 Datasheet(PDF) 51 Page - Microsemi Corporation

Part # APA600
Description  ProASICPLUS Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA600 Datasheet(HTML) 51 Page - Microsemi Corporation

Back Button APA600 Datasheet HTML 47Page - Microsemi Corporation APA600 Datasheet HTML 48Page - Microsemi Corporation APA600 Datasheet HTML 49Page - Microsemi Corporation APA600 Datasheet HTML 50Page - Microsemi Corporation APA600 Datasheet HTML 51Page - Microsemi Corporation APA600 Datasheet HTML 52Page - Microsemi Corporation APA600 Datasheet HTML 53Page - Microsemi Corporation APA600 Datasheet HTML 54Page - Microsemi Corporation APA600 Datasheet HTML 55Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 178 page
background image
ProASICPLUS Flash Family FPGAs
v5.9
2-41
Table 2-26 • AC Specifications (3.3 V PCI Revision 2.2 Operation)
Symbol Parameter
Condition
Commercial/Industrial/Military/MIL-STD- 883
Units
Min.
Max.
IOH(AC)
Switching Current High
0 < VOUT ≤ 0.3VDDP
*
–12VDDP
mA
0.3VDDP ≤ VOUT < 0.9VDDP
*
(–17.1 + (VDDP – VOUT))
mA
0.7VDDP < VOUT < VDDP
*
See equation C – page 124 of
the PCI Specification
document rev. 2.2
(Test Point)
VOUT = 0.7VDDP
*
–32VDDP
mA
IOL(AC)
Switching Current Low
VDDP > VOUT ≥ 0.6VDDP
*
16VDDP
mA
0.6VDDP > VOUT > 0.1VDDP
1
(26.7VOUT)mA
0.18VDDP > VOUT > 0
*
See equation D – page 124 of
the PCI Specification
document rev. 2.2
(Test Point)
VOUT = 0.18VDDP
38VDDP
mA
ICL
Low Clamp Current
–3 < VIN ≤ –1
–25 + (VIN + 1)/0.015
mA
ICH
High Clamp Current
VDDP + 4 > VIN ≥ VDDP + 1
25 + (VIN – VDDP – 1)/0.015
mA
slewR
Output Rise Slew Rate
0.2VDDP to 0.6VDDP load
*
14
V/ns
slewF
Output Fall Slew Rate
0.6VDDP to 0.2VDDP load
*
14
V/ns
Note: * Refer to the PCI Specification document rev. 2.2.
Pin
Output
Buffer
1/2 in. maxx
10 pF
1k
Ω
Pin
Output
Buffer
10 pF
1k
Ω
Pad Loading Applicable to the Rising Edge PCI
Pad Loading Applicable to the Falling Edge PCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com