Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA600 Datasheet(PDF) 39 Page - Microsemi Corporation

Part # APA600
Description  ProASICPLUS Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA600 Datasheet(HTML) 39 Page - Microsemi Corporation

Back Button APA600 Datasheet HTML 35Page - Microsemi Corporation APA600 Datasheet HTML 36Page - Microsemi Corporation APA600 Datasheet HTML 37Page - Microsemi Corporation APA600 Datasheet HTML 38Page - Microsemi Corporation APA600 Datasheet HTML 39Page - Microsemi Corporation APA600 Datasheet HTML 40Page - Microsemi Corporation APA600 Datasheet HTML 41Page - Microsemi Corporation APA600 Datasheet HTML 42Page - Microsemi Corporation APA600 Datasheet HTML 43Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 178 page
background image
ProASICPLUS Flash Family FPGAs
v5.9
2-29
Logic-Tile Contribution—Plogic
Plogic, the logic-tile component of AC power dissipation, is given by
Plogic = P3 * mc * Fs
where:
I/O Output Buffer Contribution—Poutputs
Poutputs, the I/O component of AC power dissipation, is given by
Poutputs = (P4 + (Cload * VDDP
2)) * p * Fp
where:
I/O Input Buffer's Buffer Contribution—Pinputs
The input’s component of AC power dissipation is given by
Pinputs = P8 * q * Fq
where:
PLL Contribution—Ppll
Ppll = P9 * Npll
where:
RAM Contribution—Pmemory
Finally, Pmemory, the memory component of AC power consumption, is given by
Pmemory = P6 * Nmemory * Fmemory * Ememory
where:
P3
=
1.4
μW/MHz is the average power consumption of a logic tile per MHz of its output toggling rate. The
maximum output toggling rate is Fs/2.
mc
=
the number of logic tiles switching during each Fs cycle
Fs
=
the clock frequency
P4
=
326
μW/MHz is the intrinsic power consumption of an output pad normalized per MHz of the output
frequency. This is the total I/O current VDDP.
Cload =
the output load
p
=
the number of outputs
Fp
=
the average output frequency
P8
=
29
μW/MHz is the intrinsic power consumption of an input pad normalized per MHz of the input
frequency.
q
=
the number of inputs
Fq
=
the average input frequency
P9
=
7.5 mW. This value has been estimated at maximum PLL clock frequency.
NPll
=
number of PLLs used
P6
=
175 µW/MHz is the average power consumption of a memory block per MHz of the clock
Nmemory
=
the number of RAM/FIFO blocks
(1 block = 256 words * 9 bits)
Fmemory
=
the clock frequency of the memory
Ememory
=
the average number of active blocks divided by the total number of blocks (N) of the memory.
•
Typical values for Ememory would be 1/4 for a 1k x 8,9,16, 32 memory and 1/16 for a 4kx8,
9, 16, and 32 memory configuration
•
In addition, an application-dependent component to Ememory can be considered. For
example, for a 1kx8 memory configuration using only 1 cycle out of 2, Ememory = 1/4*1/2 = 1/8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com