Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA600 Datasheet(PDF) 13 Page - Microsemi Corporation

Part # APA600
Description  ProASICPLUS Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA600 Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button APA600 Datasheet HTML 9Page - Microsemi Corporation APA600 Datasheet HTML 10Page - Microsemi Corporation APA600 Datasheet HTML 11Page - Microsemi Corporation APA600 Datasheet HTML 12Page - Microsemi Corporation APA600 Datasheet HTML 13Page - Microsemi Corporation APA600 Datasheet HTML 14Page - Microsemi Corporation APA600 Datasheet HTML 15Page - Microsemi Corporation APA600 Datasheet HTML 16Page - Microsemi Corporation APA600 Datasheet HTML 17Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 178 page
background image
ProASICPLUS Flash Family FPGAs
v5.9
2-3
Clock Resources
The ProASICPLUS family offers powerful and flexible
control of circuit timing through the use of analog
circuitry. Each chip has two clock conditioning blocks
containing a phase-locked loop (PLL) core, delay lines,
phase shifter (0
° and 180°), clock multiplier/dividers, and
all
the
circuitry
needed
for
the
selection
and
interconnection of inputs to the global network (thus
providing bidirectional access to the PLL). This permits
the PLL block to drive inputs and/or outputs via the two
global lines on each side of the chip (four total lines).
This circuitry is discussed in more detail in the
"ProASICPLUS Clock Management System" section on
page 2-10.
Clock Trees
One of the main architectural benefits of ProASICPLUS is
the set of power- and delay-friendly global networks.
ProASICPLUS offers four global trees. Each of these trees
is based on a network of spines and ribs that reach all
the tiles in their regions (Figure 2-4 on page 2-4). This
flexible clock tree architecture allows users to map up to
88 different internal/external clocks in an APA1000
device. Details on the clock spines and various numbers
of the family are given in Table 2-1 on page 2-4.
The flexible use of the ProASICPLUS clock spine allows the
designer to cope with several design requirements. Users
implementing clock-resource intensive applications can
easily route external or gated internal clocks using global
routing spines. Users can also drastically reduce delay
penalties and save buffering resources by mapping
critical high fanout nets to spines. For design hints on
using these features, refer to Actel’s Efficient Use of
ProASIC Clock Trees application note.
Figure 2-3 • High-Speed, Very Long-Line Resources
PAD RING
PAD RING
High-Speed Very Long-Line Resouces
SRAM
SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com