Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA600 Datasheet(PDF) 71 Page - Microsemi Corporation

Part # APA600
Description  ProASICPLUS Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA600 Datasheet(HTML) 71 Page - Microsemi Corporation

Back Button APA600 Datasheet HTML 67Page - Microsemi Corporation APA600 Datasheet HTML 68Page - Microsemi Corporation APA600 Datasheet HTML 69Page - Microsemi Corporation APA600 Datasheet HTML 70Page - Microsemi Corporation APA600 Datasheet HTML 71Page - Microsemi Corporation APA600 Datasheet HTML 72Page - Microsemi Corporation APA600 Datasheet HTML 73Page - Microsemi Corporation APA600 Datasheet HTML 74Page - Microsemi Corporation APA600 Datasheet HTML 75Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 178 page
background image
ProASICPLUS Flash Family FPGAs
v5.9
2-61
Synchronous Write and Read to the Same Location
Note: * New data is read if WCLKS
↑ occurs before setup time. The data stored is read if WCLKS ↑ occurs after hold time. The plot shows
the normal operation status.
Figure 2-34 • Synchronous Write and Read to the Same Location
Table 2-58 • TJ = 0°C to 110°C; VDD = 2.3 V to 2.7 V for Commercial/Industrial
TJ = –55°C to 150°C, VDD = 2.3 V to 2.7 V for Military/MIL-STD-883
Symbol txxx
Description
Min.
Max.
Units
Notes
CCYC
Cycle time
7.5
ns
CMH
Clock high phase
3.0
ns
CML
Clock low phase
3.0
ns
WCLKRCLKS
WCLKS
↑ to RCLKS ↑ setup time
– 0.1
ns
WCLKRCLKH
WCLKS
↑ to RCLKS ↑ hold time
7.0
ns
OCH
Old DO valid from RCLKS
↑
3.0
ns
OCA/OCH displayed for
Access Timed Output
OCA
New DO valid from RCLKS
↑
7.5
ns
Notes:
1. This behavior is valid for Access Timed Output and Pipelined Mode Output. The table shows the timings of an Access Timed Output.
2. During synchronous write and synchronous read access to the same location, the new write data will be read out if the active write
clock edge occurs before or at the same time as the active read clock edge. The negative setup time insures this behavior for WCLKS
and RCLKS driven by the same design signal.
3. If WCLKS changes after the hold time, the data will be read.
4. A setup or hold time violation will result in unknown output data.
RCLKS
DO
WCLKS
t
WCLKRCLKH
New Data*
Last Cycle Data
t
WCLKRCLKS
t
OCH
t
CCYC
t
CMH
t
CML
t
OCA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com