Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA600 Datasheet(PDF) 81 Page - Microsemi Corporation

Part # APA600
Description  ProASICPLUS Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA600 Datasheet(HTML) 81 Page - Microsemi Corporation

Back Button APA600 Datasheet HTML 77Page - Microsemi Corporation APA600 Datasheet HTML 78Page - Microsemi Corporation APA600 Datasheet HTML 79Page - Microsemi Corporation APA600 Datasheet HTML 80Page - Microsemi Corporation APA600 Datasheet HTML 81Page - Microsemi Corporation APA600 Datasheet HTML 82Page - Microsemi Corporation APA600 Datasheet HTML 83Page - Microsemi Corporation APA600 Datasheet HTML 84Page - Microsemi Corporation APA600 Datasheet HTML 85Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 178 page
background image
ProASICPLUS Flash Family FPGAs
v5.9
2-71
Synchronous FIFO Write
Note: The plot shows the normal operation status.
Figure 2-44 • Synchronous FIFO Write
Table 2-67 • TJ = 0°C to 110°C; VDD = 2.3 V to 2.7 V for Commercial/Industrial
TJ = –55°C to 150°C, VDD = 2.3 V to 2.7 V for Military/MIL-STD-883
Symbol txxx
Description
Min.
Max.
Units
Notes
CCYC
Cycle time
7.5
ns
CMH
Clock high phase
3.0
ns
CML
Clock low phase
3.0
ns
DCH
DI hold from WCLKS
↑
0.5
ns
DCS
DI setup to WCLKS
↑
1.0
ns
FCBA
New FULL access from WCLKS
↓
3.0*
ns
ECBA
EMPTY
↓ access from WCLKS ↓
3.0*
ns
ECBH,
FCBH,
HCBH
Old EMPTY, FULL, EQTH, & GETH valid hold
time from WCLKS
↓
1.0
ns
Empty/full/thresh are invalid from the end of
hold until the new access is complete
HCBA
EQTH or GETH access from WCLKS
↓
4.5
ns
WPCA
New WPE access from WCLKS
↑
3.0
ns
WPE is invalid, while PARGEN is active
WPCH
Old WPE valid from WCLKS
↑
0.5
ns
WRCH, WBCH WRB & WBLKB hold from WCLKS
↑
0.5
ns
WRCS, WBCS
WRB & WBLKB setup to WCLKS
↑
1.0
ns
Note: * At fast cycles, ECBA and FCBA = MAX (7.5 ns – CMH), 3.0 ns.
WCLKS
WPE
DI
EMPTY
EQTH, GETH
FULL
(Full Inhibits Write)
WRB, WBLKB
Cycle Start
tWRCH, tWBCH
tECBH, tFCBH
tECBA, tFCBA
tHCBA
tWRCS, tWBCS
tDCS
tWPCA
tCMH
tCML
tCCYC
tWPCH
tDCH
tHCBH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com