Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C90 Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM79C90
Description  CMOS Local Area Network Controller for Ethernet (C-LANCE)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C90 Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM79C90 Datasheet HTML 17Page - Advanced Micro Devices AM79C90 Datasheet HTML 18Page - Advanced Micro Devices AM79C90 Datasheet HTML 19Page - Advanced Micro Devices AM79C90 Datasheet HTML 20Page - Advanced Micro Devices AM79C90 Datasheet HTML 21Page - Advanced Micro Devices AM79C90 Datasheet HTML 22Page - Advanced Micro Devices AM79C90 Datasheet HTML 23Page - Advanced Micro Devices AM79C90 Datasheet HTML 24Page - Advanced Micro Devices AM79C90 Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
P R E L I M I N A R Y
AMD
21
Am79C90
Bit
Name
Description
11
MERR
MEMORY ERROR is set when the
C-LANCE is the Bus Master and has
not received
READY within 25.6
µs
after asserting the address on the
DAL lines.
When a Memory Error is detected,
the receiver and transmitter are
turned off (CSR
0, TXON = 0, RXON
= 0) and an interrupt is generated if
INEA = 1.
MERR is READ/CLEAR ONLY, and
is set by the C-LANCE and cleared
by writing a “1” into the bit. Writing a
“0” has no effect. It is cleared by
RESET or by setting the STOP bit.
10
RINT
RECEIVER
INTERRUPT
is
set
when the C-LANCE updates an en-
try in the Receive Descriptor Ring for
the last buffer received or reception
is stopped due to a failure.
When RINT is set, an interrupt is
generated if INEA = 1.
RINT is READ/CLEAR ONLY, and is
set by the C-LANCE and cleared by
writing a “1” into the bit. Writing a “0”
has no effect. It is cleared by
RESET
or by setting the STOP bit.
09
TINT
TRANSMITTER INTERRUPT is set
when the C-LANCE updates an en-
try in the transmit descriptor ring for
the last buffer sent or transmission is
stopped due to a failure.
When TINT is set, an interrupt is
generated if INEA = 1.
TINT is READ/CLEAR ONLY and is
set by the C-LANCE and cleared by
writing a “1” into the bit. Writing a “0”
has no effect. It is cleared by
RESET
or by setting the STOP bit.
08
IDON
INITIALIZATION DONE indicates
that the C-LANCE has completed
the initialization procedure started
by setting the INIT bit. When IDON is
set, the C-LANCE has read the In-
itialization Block from memory and
stored the new parameters.
When IDON is set, an interrupt is
generated if INEA = 1.
IDON is READ/CLEAR ONLY, and is
set by the C-LANCE and cleared by
writing a “1” into the bit. Writing a “0”
has no effect. It is cleared by
RESET
or by setting the STOP bit.
Bit
Name
Description
07
INTR
INTERRUPT FLAG is set by the
“ORing” of BABL, MISS, MERR,
RINT, TINT and IDON. If INEA = 1
and INTR = 1, the
INTR pin will be
LOW.
INTR is READ ONLY; writing this bit
has no effect. INTR is cleared by
RESET, by setting the STOP bit, or
by clearing the condition causing the
interrupt.
06
INEA
INTERRUPT ENABLE allows the
INTR pin to be driven LOW when the
Interrupt Flag is set. If INEA = 1 and
INTR = 1, the
INTR pin will be Low. If
INEA = 0, the
INTR pin will be HIGH,
regardless of the state of the Inter-
rupt Flag.
INEA is READ/WRITE and cleared
by RESET or by setting the STOP
bit.
INEA can be set at any time, regard-
less of the state of the STOP bit.
(reference Appendix B).
05
RXON
RECEIVER ON indicates that the re-
ceiver is enabled. RXON is set when
STRT is set if DRX = 0 in the MODE
register in the initialization block and
the initialization block has been read
by the C-LANCE by setting the INIT
bit. RXON is cleared when IDON is
set from setting the INIT bit and DRX
= 1 in the MODE register, or a mem-
ory error (MERR) has occurred.
RXON is READ ONLY; writing this
bit has no effect. RXON is cleared by
RESET or by setting the STOP bit.
04
TXON
TRANSMITTER ON indicates that
the transmitter is enabled. TXON is
set when STRT is set if DTX = 0 in
the MODE register in the initializa-
tion block and the INIT bit has been
set. TXON is cleared when IDON is
set and DTX = 1 in the MODE regis-
ter, or an error, such as MERR,
UFLO or BUFF, has occurred during
transmission.
TXON is READ ONLY; writing this bit
has no effect. TXON is cleared by
RESET or by setting the STOP bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com