Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C90 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM79C90
Description  CMOS Local Area Network Controller for Ethernet (C-LANCE)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C90 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM79C90 Datasheet HTML 1Page - Advanced Micro Devices AM79C90 Datasheet HTML 2Page - Advanced Micro Devices AM79C90 Datasheet HTML 3Page - Advanced Micro Devices AM79C90 Datasheet HTML 4Page - Advanced Micro Devices AM79C90 Datasheet HTML 5Page - Advanced Micro Devices AM79C90 Datasheet HTML 6Page - Advanced Micro Devices AM79C90 Datasheet HTML 7Page - Advanced Micro Devices AM79C90 Datasheet HTML 8Page - Advanced Micro Devices AM79C90 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
PRELIMINARY
This document contains information on a product under development at Advanced Micro Devices. The
information is intended to help you evaluate this product. AMD reserves the right to change or discontinue
work on this proposed product without notice.
Publication# 17881
Rev: C Amendment/0
Issue Date: January 1998
1
Am79C90
CMOS Local Area Network Controller for Ethernet
(C-LANCE)
DISTINCTIVE CHARACTERISTICS
s Compatible with Ethernet and IEEE 802.3
10BASE-5 Type A, and 10BASE-2 Type B,
“Cheapernet,” 10BASE-T
s Easily interfaced with 80x86, 680x0, Am29000®,
Z8000™ microprocessors
s On-board DMA and buffer management, 64-byte
Receive, 48-byte Transmit FIFOs
s 24-bit-wide linear addressing (Bus Master Mode)
s Network and packet error reporting
s Back-to-back packet reception with as little as
0.5
µs interframe spacing
s Diagnostic Routines
— Internal/external loopback
— CRC logic check
— Time domain reflectometer
s Low power consumption for power-sensitive
applications
s Completely software- and hardware-compatible with
AMD’s LANCE device (Am7990) (see Appendix A)
GENERAL DESCRIPTION
The Am79C90 CMOS Local Area Network Controller
for Ethernet (C-LANCE) is a 48-pin VLSI device de-
signed to greatly simplify interfacing a microcomputer or
minicomputer to an IEEE 802.3/Ethernet Local Area
Network. The C-LANCE, in conjunction with the
Am7992B Serial Interface Adapter (SIA), Am7996 or
Am79C98 and Am79C100 Transceiver, and closely
coupled local memory and microprocessor, is intended
to provide the user with a complete interface module for
an Ethernet network. The Am79C90 is designed using
a scalable CMOS technology and is compatible with a
variety of microprocessors. On-board DMA, advanced
buffer management, and extensive error reporting and
diagnostics facilitate design and improve system
performance.
BLOCK DIAGRAM
INTR
HOLD
HLDA
ALE/AS
CS
ADR
DAS
DALO
DALI
READ
BM0/BYTE
BM1/BUSAKO
READY
RESET
Parallel
Bus
Interface
DMA/Data
Path Control
Microprogram
Store
C-LANCE/
CPU
Control
Bus
Interface
Station
Address
Detection
Retry
Logic
Serial I/O
Interface
A23:16
RX
RCLK
TX
TCLK
CLSN
TENA
RENA
DAL15:0
17881C-1


Similar Part No. - AM79C90

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
AM79C90 PULSE-AM79C90 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Advanced Micro Devices
AM79C901A AMD-AM79C901A Datasheet
739Kb / 90P
HomePHY Single-Chip 1/10 Mbps Home Networking PHY
AM79C901AJC AMD-AM79C901AJC Datasheet
739Kb / 90P
HomePHY Single-Chip 1/10 Mbps Home Networking PHY
AM79C901AJCT AMD-AM79C901AJCT Datasheet
739Kb / 90P
HomePHY Single-Chip 1/10 Mbps Home Networking PHY
AM79C901AJI AMD-AM79C901AJI Datasheet
739Kb / 90P
HomePHY Single-Chip 1/10 Mbps Home Networking PHY
More results

Similar Description - AM79C90

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83905 NSC-DP83905 Datasheet
1Mb / 80P
AT Local Area Network Twisted-Pair Interface Controller
logo
OKI electronic componet...
MSM9225 OKI-MSM9225 Datasheet
488Kb / 74P
CAN (Controller Area Network) Controller
logo
Intersil Corporation
PRISM1BRDA INTERSIL-PRISM1BRDA Datasheet
75Kb / 7P
OEM Wireless Local Area Network PC Card
November 1998
WLANKITPR1-EVAL INTERSIL-WLANKITPR1-EVAL Datasheet
66Kb / 6P
Wireless Local Area Network PC Card
November 1998
logo
Cypress Semiconductor
CY7B951 CYPRESS-CY7B951 Datasheet
150Kb / 9P
Local Area Network ATM Transceiver
logo
OKI electronic componet...
MSM9225B OKI-MSM9225B Datasheet
116Kb / 16P
CAN (Controller Area Network) Controller
logo
Stanford Microdevices
COM9026 STANFORD-COM9026 Datasheet
1Mb / 12P
LOCAL AREA NETWORK CONTROLLER LANC-TM
logo
List of Unclassifed Man...
HYC9068 ETC1-HYC9068 Datasheet
224Kb / 4P
ARCNET Local area network driver land
logo
Cypress Semiconductor
CY7B951 CYPRESS-CY7B951_06 Datasheet
377Kb / 10P
Local Area Network ATM Transceiver
CY7B951 CYPRESS-CY7B951_11 Datasheet
483Kb / 17P
Local Area Network ATM Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com