Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C90 Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # AM79C90
Description  CMOS Local Area Network Controller for Ethernet (C-LANCE)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C90 Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button AM79C90 Datasheet HTML 15Page - Advanced Micro Devices AM79C90 Datasheet HTML 16Page - Advanced Micro Devices AM79C90 Datasheet HTML 17Page - Advanced Micro Devices AM79C90 Datasheet HTML 18Page - Advanced Micro Devices AM79C90 Datasheet HTML 19Page - Advanced Micro Devices AM79C90 Datasheet HTML 20Page - Advanced Micro Devices AM79C90 Datasheet HTML 21Page - Advanced Micro Devices AM79C90 Datasheet HTML 22Page - Advanced Micro Devices AM79C90 Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
P R E L I M I N A R Y
AMD
19
Am79C90
PROGRAMMING
This section defines the Control and Status Registers
and the memory data structures required to program the
Am79C90 (C-LANCE).
Programming the Am79C90 (C-LANCE)
The Am79C90 (C-LANCE) is designed to operate in an
environment that includes close coupling with local
memory and microprocessor (HOST). The Am79C90
C-LANCE is programmed by a combination of registers
and data structures resident within the C-LANCE and
memory registers. There are four Control and Status
Registers (CSRs) within the C-LANCE which are pro-
grammed by the HOST device. Once enabled, the
C-LANCE has the ability to access memory locations to
acquire additional operating parameters.
The Am79C90 has the ability to do independent buffer
management as well as transfer data packets to and
from the Ethernet. There are three memory structures
accessed by the Chip:
Initialization Block—12 words in contiguous mem-
ory starting on a word boundary. It also contains
the operating parameters necessary for device op-
eration. The initialization block is comprised of:
— Mode of Operation
— Physical Address
— Logical Address Mask
— Location to Receive and Transmit Descriptor
Rings
— Number of Entries in Receive and Transmit
Descriptor Rings
Receive and Transmit Descriptor Rings—Two ring
structures, one for incoming and outgoing packets.
Each entry in the rings is 4 words long and each
entry must start on a quadword boundary. The De-
scriptor Rings are comprised of:
— The address of a data buffer
— The length of that data buffer
— Status information associated with the buffer
Data Buffers—Contiguous portions of memory
reserved for packet buffering. Data buffers may
begin on arbitrary byte boundaries.
In general, the programming sequence of the C-LANCE
may be summarized as:
Program the C-LANCE’s CSRs by a host device to
locate an initialization block in memory. The byte
control, byte address, and address latch enable
modes are also defined here.
The C-LANCE loads itself with the information con-
tained within the initialization block.
The C-LANCE accesses the descriptor rings for
packet handling.
CONTROL AND STATUS REGISTERS
There are four Control and Status Registers (CSRs) on
the chip. The CSRs are accessed through two bus ad-
dressable ports, an address port (RAP) and a data port
(RDP).
Accessing the Control and Status
Registers
The CSRs are read (or written) in a two step operation.
The address of the CSR to be accessed is written into
the RAP during a bus slave transaction. During a subse-
quent bus slave transaction, the data being read from
(or written into) the RDP is read from (or written into) the
CSR selected in the RAP.
Once written, the address in RAP remains unchanged
until rewritten.
To distinguish the data port from the address port, a dis-
crete input pin is provided.
ADR Input Pin
Port
L
Register Data Port (RDP)
H
Register Address Port (RAP)
Register Data Port (RDP)
0
15
CSR DATA
17881B-13
Bit
Name
Description
15:00
CSR Data
Writing data into RDP writes the data
into the CSR selected in RAP. Read-
ing the data from the RDP reads the
data from the CSR selected in RAP.
CSR
1, CSR2 and CSR3 are acces-
sible only when the STOP bit of
CSR
0 is set.
If the STOP bit is not set while at-
tempting to access CSR
1, CSR2 or
CSR
3, the C-LANCE will return
READY, but a READ operation will
return undefined data. WRITE op-
eration is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com