Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C90 Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM79C90
Description  CMOS Local Area Network Controller for Ethernet (C-LANCE)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C90 Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM79C90 Datasheet HTML 35Page - Advanced Micro Devices AM79C90 Datasheet HTML 36Page - Advanced Micro Devices AM79C90 Datasheet HTML 37Page - Advanced Micro Devices AM79C90 Datasheet HTML 38Page - Advanced Micro Devices AM79C90 Datasheet HTML 39Page - Advanced Micro Devices AM79C90 Datasheet HTML 40Page - Advanced Micro Devices AM79C90 Datasheet HTML 41Page - Advanced Micro Devices AM79C90 Datasheet HTML 42Page - Advanced Micro Devices AM79C90 Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
P R E L I M I N A R Y
AMD
39
Am79C90
SWITCHING CHARACTERISTICS (continued)
Parameter
Test
No.
Symbol
Parameter Description
Conditions
Min
Typ
Max
Unit
31
tRDAH
Data Hold Time After the Rising Edge
0
ns
of
DAS (Bus Master Read)
32
tDDAS
Data Setup Time to the Falling Edge
10
ns
of
DAS (Bus Master Write)
33
tWDS
Data Setup Time to the Rising Edge
200
ns
of
DAS (Bus Master Write)
34
tWDH
Data Hold Time After the Rising Edge
35
ns
of
DAS (Bus Master Write)
35
tSD01
Data Driver Delay After the Falling
(CSR0, CSR3, RAP)
4tTCT
ns
Edge of
DAS (Bus Slave Read)
(Note 6)
36
tSD02
Data Driver Delay After the Falling
(CSR1, 2)
12tTCT
ns
Edge of
DAS (Bus Slave Read)
(Note 6)
37
tSRDH
Data Hold Time After the Rising
0
55
ns
Edge of
DAS (Bus Slave Read)
38
tSWDH
Data Hold Time After the Rising
0
ns
Edge of
DAS (Bus Slave Write)
39
tSWDS
Data Setup Time to the Falling Edge
0
ns
of
DAS (Bus Slave Write)
40
tALEW
ALE Width HIGH
120
ns
41
tDALE
Delay from Rising Edge of
DAS to the
70
ns
Rising Edge of ALE
42
tDSW
DAS Width LOW
200
ns
43
tADAS
Delay from the Falling Edge of ALE
80
130
ns
to the Falling Edge of
DAS
44
tRIDF
Delay from the Rising of
DALO to the
15
ns
Falling Edge of
DAS (Bus Master Read)
45
tRDYS
Delay from the Falling Edge of
READY
65
250
ns
to the Rising Edge of
DAS
46
tROIF
Delay from the Rising Edge of
DALO to
15
ns
the Falling Edge of
DALI (Bus Master Read)
47
tRIS
DALI Setup Time to the Rising Edge of
135
ns
DAS (Bus Master)
48
tRIH
DALI Hold Time After the Rising Edge of
0
ns
DAS (Bus Master Read)
49
tRIOF
Delay from the Rising Edge of
DALI to the
55
ns
Falling Edge of
DALO (Bus Master Read)
50
tOS
DALO and READ Setup Time to the Falling
110
ns
Edge of ALE (Bus Master Write and Read)
51
tROH
DALO Hold Time After the Falling Edge of
35
ns
ALE (Bus Master Read)
52
tWDSI
Delay from the Rising Edge of
DAS to the
35
ns
Rising Edge of
DALO (Bus Master Write)
53
tCSH
CS Hold Time After the Rising Edge of DAS
0
ns
(Bus Slave)
54
tCSS
CS Setup Time to the Falling Edge of DAS
0
ns
(Bus Slave)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com