Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C90 Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM79C90
Description  CMOS Local Area Network Controller for Ethernet (C-LANCE)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C90 Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM79C90 Datasheet HTML 14Page - Advanced Micro Devices AM79C90 Datasheet HTML 15Page - Advanced Micro Devices AM79C90 Datasheet HTML 16Page - Advanced Micro Devices AM79C90 Datasheet HTML 17Page - Advanced Micro Devices AM79C90 Datasheet HTML 18Page - Advanced Micro Devices AM79C90 Datasheet HTML 19Page - Advanced Micro Devices AM79C90 Datasheet HTML 20Page - Advanced Micro Devices AM79C90 Datasheet HTML 21Page - Advanced Micro Devices AM79C90 Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
AMD
P R E L I M I N A R Y
18
Am79C90
Differences Between Ethernet Versions 1
and 2
a. Version 2 specifies that the collision detect of the
transceiver must be activated during the inter-
packet gap time.
b. Version 2 specifies some network management
functions, such as reporting the occurrence of colli-
sions, retries and deferrals.
c. Version 2 specifies that when transmission is ter-
minated, the differential transmit lines are driven to
0 volt differentially (half step).
Differences Between IEEE 802.3 and
Ethernet
a. IEEE 802.3 specifies a 2-byte length field rather
than a type field. The length field (802.3) describes
the actual amount of data in the frame.
b. IEEE 802.3 allows the use of a PAD field in the
data section of a frame, while Ethernet specifies
the minimum packet size at 64 bytes. The use of a
PAD allows the user to send and receive packets
which have less than 46 bytes of data.
A list of significant differences between Ethernet and
IEEE 802.3 at the physical layer include the following:
IEEE 802.3
Ethernet
End of Transmission
Half Step
Full Step (Rev 1)
State
or
Half Step (Rev 2)
Common Mode Voltage
±5.5 V
0 – +5 V
Common Mode Current Less than 1 mA
1.6 mA
±40%
Receive
±, Collision±
Input Threshold
±160 mV
±175 mV
Fault Protection
16 V
0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com