Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C90 Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM79C90
Description  CMOS Local Area Network Controller for Ethernet (C-LANCE)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C90 Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM79C90 Datasheet HTML 8Page - Advanced Micro Devices AM79C90 Datasheet HTML 9Page - Advanced Micro Devices AM79C90 Datasheet HTML 10Page - Advanced Micro Devices AM79C90 Datasheet HTML 11Page - Advanced Micro Devices AM79C90 Datasheet HTML 12Page - Advanced Micro Devices AM79C90 Datasheet HTML 13Page - Advanced Micro Devices AM79C90 Datasheet HTML 14Page - Advanced Micro Devices AM79C90 Datasheet HTML 15Page - Advanced Micro Devices AM79C90 Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
AMD
P R E L I M I N A R Y
12
Am79C90
Address of Receive Buffer 1
Buffer 1 Status
Buffer 1 Byte Count
Buffer 1 Message Count
2
2
2
2
N
N
N
N
Receive Descriptor Ring
Data
Packet
1
Data
Packet
2
Data
Packet
N
Pointer to Initialization Block
C-LANCE CSR Registers
Initialization
Block
Mode of Operation
Physical Address
Logical Address Filter
Pointer to Receive Ring
Number of Receive Entries (N)
Pointer to Transmit Ring
Number of Transmit Entries (M)
Address of Transmit Buffer 1
Buffer 1 Status
Buffer 1 Byte Count
Buffer 1 Error Status
2
2
2
2
M
M
M
M
Transmit Descriptor Ring
Receive Buffer
Transmit Buffer
Data
Packet
1
Data
Packet
2
Data
Packet
M
17881B-8
Figure 2-2. C-LANCE Memory Management
Buffer Management
A key feature of the C-LANCE and its on-board DMA
channel is the flexibility and speed of communication
between the C-LANCE and the host microprocessor
through common memory locations. The basic organi-
zation of the buffer management is a circular queue of
tasks in memory called descriptor rings as shown in
Figures 2-1 and 2-2. There are separate descriptor rings
to describe transmit and receive operations. Up to 128
tasks may be queued up on a descriptor ring awaiting
execution by the C-LANCE. Each entry in a descriptor
ring holds a pointer to a data memory buffer and an entry
for the length of the data buffer. Data buffers can be
chained or cascaded to handle a long packet in multiple
data buffer areas. The C-LANCE searches the descrip-
tor rings in a “lookahead” manner to determine the next
empty buffer in order to chain buffers together or to han-
dle back-to-back packets. As each buffer is filled,
the “own” bit is reset, allowing the host processor to
process the data in the buffer.
C-LANCE Interface
CSR bits such as ACON, BCON and BSWP are used for
programming the pin functions used for different inter-
facing schemes. For example, ACON is used to pro-
gram the polarity of the Address Strobe signal
(ALE/
AS).
BCON is used for programming the pins, for handling
either the BYTE/
WORD method for addressing word or-
ganized, byte addressable memories where the BYTE
signal is decoded along with the least significant ad-
dress bit to determine upper or lower byte, or an explicit
scheme in which two signals labeled as BYTE MASK
(
BM0 and BM1) indicate which byte is addressed. When



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com