Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C90 Datasheet(PDF) 48 Page - Advanced Micro Devices

Part # AM79C90
Description  CMOS Local Area Network Controller for Ethernet (C-LANCE)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C90 Datasheet(HTML) 48 Page - Advanced Micro Devices

Back Button AM79C90 Datasheet HTML 44Page - Advanced Micro Devices AM79C90 Datasheet HTML 45Page - Advanced Micro Devices AM79C90 Datasheet HTML 46Page - Advanced Micro Devices AM79C90 Datasheet HTML 47Page - Advanced Micro Devices AM79C90 Datasheet HTML 48Page - Advanced Micro Devices AM79C90 Datasheet HTML 49Page - Advanced Micro Devices AM79C90 Datasheet HTML 50Page - Advanced Micro Devices AM79C90 Datasheet HTML 51Page - Advanced Micro Devices AM79C90 Datasheet HTML 52Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 62 page
background image
48
Am79C90
Hash Filter Generation Programs for
Logical Addressing
APPENDIX A
80x86 computer program example to generate the hash filter, for multicast addressing in the C-LANCE.
6
;
SUBROUTINE TO SET A BIT IN THE HASH FILTER FROM A
7
;
GIVEN ETHERNET LOGICAL ADDRESS
8
;
ON ENTRY Sl POINTS TO THE LOGICAL ADDRESS WITH LSB FIRST
9
;
Dl POINTS TO THE HASH FILTER WITH LSB FIRST
10
;
ON RETURN Sl POINTS TO THE BYTE AFTER THE LOGICAL ADDRESS
11
;
ALL OTHER REGISTERS ARE UNMODIFIED
12
;
13
PUBLIC SETHASH
14
ASSUME CS:CSE61
15
;
16
= 1DB6
POLYL
EOU
1DB6H
;CRC POLYNOMINAL TERMS
17
= 04C1
POLYH
EQU
04C1H
18
;
19
0000
CSE61
SEGMENT PUBLIC ‘CODE’
20
;
21
0000
SETHASH PROC
NEAR
22
0000 50
PUSH
AX
;SAVE ALL REGISTERS
23
0001 53
PUSH
BX
24
0002 51
PUSH
CX
25
0003 52
PUSH
DX
26
0004 55
PUSH
BP
27
;
28
0005 B8 FFFF
MOV
AX,0FFFFH
;AX,DX =CRC ACCUMULATOR
29
0008 BA FFFF
MOV
DX,0FFFFH
;PRESET CRC ACCUMULATOR TO ALL 1’S
30
000B B5 03
MOV
CH,3
;CH =WORD COUNTER
31
;
32
000D 8B 2C
SETH10:
MOV
BP,[S1]
;GET A WORD OF ADDRESS
33
000F 83 C6 02
ADD
S1,2
;POINT TO NEXT ADDRESS
34
0012 B1 10
MOV
CL,16
;CL=BIT COUNTER
35
;
36
0014 8B DA
SETH20:
MOV
BX,DX
;GET HIGH WORD OF CRC
37
0016 D1 C3
ROL
BX,1
;PUT CRC31 TO LSB
38
0018 33 DD
XOR
BX,BP
;COMBINE CRC31 WITH INCOMING BIT
39
001A D1 E0
SAL
AX,1
;LEFT SHIFT CRC ACCUMULATOR
40
001C D1 D2
RCL
DX,1
41
001E 81 E3 0001
AND
BX,0001H
;BX=CONTROL BIT
42
0022 74 07
JZ
SETH30
;DO NOT XOR IF CONTROL BIT = 0
43
;
44
;
PERFORM XOR OPERATION WHEN CONTROL BIT= 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com