Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C90 Datasheet(PDF) 54 Page - Advanced Micro Devices

Part # AM79C90
Description  CMOS Local Area Network Controller for Ethernet (C-LANCE)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C90 Datasheet(HTML) 54 Page - Advanced Micro Devices

Back Button AM79C90 Datasheet HTML 50Page - Advanced Micro Devices AM79C90 Datasheet HTML 51Page - Advanced Micro Devices AM79C90 Datasheet HTML 52Page - Advanced Micro Devices AM79C90 Datasheet HTML 53Page - Advanced Micro Devices AM79C90 Datasheet HTML 54Page - Advanced Micro Devices AM79C90 Datasheet HTML 55Page - Advanced Micro Devices AM79C90 Datasheet HTML 56Page - Advanced Micro Devices AM79C90 Datasheet HTML 57Page - Advanced Micro Devices AM79C90 Datasheet HTML 58Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 62 page
background image
AMD
54
Am79C90
Table A-1 “Mapping of Logical Address to Filter Mask”
can be used to find a multicast address that maps into a
particular address filter bit. For example, address BB 00
00 00 00 00 maps into bit 15. Therefore, any node that
has bit 15 set in its logical address filter register will re-
ceive all packets addressed to BB 00 00 00 00 00. The
table also shows that bit 15 is located in bit 7 of byte 1 of
the Logical Address Filter Register.
Addresses in this table are shown in the standard Ether-
net format. The leftmost byte is the first byte to appear
on the network with the least significant bit appearing
first.
Table A-1. Mapping of Logical Address to Filter Mask
Byte
Bit
LAF
Destination
Byte
Bit
LAF
Destination
Pos
Pos
Bit
Address Accepted
Pos
Pos
Bit
Address Accepted
0
0
0
85
00
00
00
00
00
4
0
32
21
00
00
00
00
00
0
1
1
A5
00
00
00
00
00
4
1
33
01
00
00
00
00
00
0
2
2
E5
00
00
00
00
00
4
2
34
41
00
00
00
00
00
0
3
3
C5
00
00
00
00
00
4
3
35
71
00
00
00
00
00
0
4
4
45
00
00
00
00
00
4
4
36
E1
00
00
00
00
00
0
5
5
65
00
00
00
00
00
4
5
37
C1
00
00
00
00
00
0
6
6
25
00
00
00
00
00
4
6
38
81
00
00
00
00
00
0
7
7
05
00
00
00
00
00
4
7
39
A1
00
00
00
00
00
1
0
8
2B
00
00
00
00
00
5
0
40
8F
00
00
00
00
00
1
1
9
0B
00
00
00
00
00
5
1
41
BF
00
00
00
00
00
1
2
10
4B
00
00
00
00
00
5
2
42
EF
00
00
00
00
00
1
3
11
6B
00
00
00
00
00
5
3
43
CF
00
00
00
00
00
1
4
12
EB
00
00
00
00
00
5
4
44
4F
00
00
00
00
00
1
5
13
CB
00
00
00
00
00
5
5
45
6F
00
00
00
00
00
1
6
14
8B
00
00
00
00
00
5
6
46
2F
00
00
00
00
00
1
7
15
BB
00
00
00
00
00
5
7
47
0F
00
00
00
00
00
2
0
16
C7
00
00
00
00
00
6
0
48
63
00
00
00
00
00
2
1
17
E7
00
00
00
00
00
6
1
49
43
00
00
00
00
00
2
2
18
A7
00
00
00
00
00
6
2
50
03
00
00
00
00
00
2
3
19
87
00
00
00
00
00
6
3
51
23
00
00
00
00
00
2
4
20
07
00
00
00
00
00
6
4
52
A3
00
00
00
00
00
2
5
21
27
00
00
00
00
00
6
5
53
83
00
00
00
00
00
2
6
22
67
00
00
00
00
00
6
6
54
C3
00
00
00
00
00
2
7
23
47
00
00
00
00
00
6
7
55
E3
00
00
00
00
00
3
0
24
69
00
00
00
00
00
7
0
56
CD
00
00
00
00
00
3
1
25
49
00
00
00
00
00
7
1
57
ED
00
00
00
00
00
3
2
26
09
00
00
00
00
00
7
2
58
AD
00
00
00
00
00
3
3
27
29
00
00
00
00
00
7
3
59
8D
00
00
00
00
00
3
4
28
A9
00
00
00
00
00
7
4
60
0D
00
00
00
00
00
3
5
29
89
00
00
00
00
00
7
5
61
2D
00
00
00
00
00
3
6
30
C9
00
00
00
00
00
7
6
62
6D
00
00
00
00
00
3
7
31
E9
00
00
00
00
00
7
7
63
4D
00
00
00
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com