Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940 Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 17Page - Advanced Micro Devices AM79C940 Datasheet HTML 18Page - Advanced Micro Devices AM79C940 Datasheet HTML 19Page - Advanced Micro Devices AM79C940 Datasheet HTML 20Page - Advanced Micro Devices AM79C940 Datasheet HTML 21Page - Advanced Micro Devices AM79C940 Datasheet HTML 22Page - Advanced Micro Devices AM79C940 Datasheet HTML 23Page - Advanced Micro Devices AM79C940 Datasheet HTML 24Page - Advanced Micro Devices AM79C940 Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 122 page
background image
AMD
21
Am79C940
RXCRS Configuration
PORTSEL
SLEEP
[1–0]
ENPLSIO
Interface Description
Pin Function
0
XX
X
Sleep Mode
High Impedance
1
00
1
AUI
RXCRS Output
1
01
1
10BASE-T
RXCRS Output
1
10
1
DAI Port
RXCRS Input
1
11
1
GPSI
RXCRS Input
1
XX
0
Status Disabled
High Impedance (Note 2)
Notes:
1. PORTSEL [1–0] and ENPLSIO are located in the PLS Configuration Control register (REG ADDR 14).
2. This pin should be externally terminated, if unused, to reduce power consumption.
DXCVR
Disable Transceiver
(Output)
An output from the MACE device to indicate the network
port in use, as programmed by the ASEL bit or the
PORTSEL [1–0] bits. The output is provided to allow
power down of an external DC-to-DC converter, typi-
cally used to provide the voltage requirements for an ex-
ternal 10BASE2 transceiver.
When the Auto Select (ASEL) feature is enabled, the
state of the PORTSEL [1–0] bits is overridden, and the
network interface will be selected by the MACE device,
dependent only on the status of the 10BASE-T link. If the
link is active (
LNKST pin driven LOW) the 10BASE-T
port will be used as the active network interface. If the
link is inactive (
LNKST pin pulled HIGH) the AUI port will
be used as the active network interface. Auto Select will
continue to operate even when the
SLEEP pin is as-
serted if the RWAKE bit has been set. The AWAKE bit
does not allow the Auto Select function, and only the re-
ceive section of 10BASE-T port will be active (DXCVR =
HIGH).
Active (HIGH) when either the 10BASE-T or DAI port is
selected. Inactive (LOW) when the AUI or GPSI port is
selected.
DXCVR Configuration—SLEEP Operation
SLEEP
RWAKE AWAKE
ASEL
LNKST
PORTSEL
Interface
Pin
Pin
Bit
Bit
Bit
Pin
[1–0] Bits
Description
Function
0
0
0
X
High
XX
Sleep
High
Impedance
Mode
Impedance
0
1
0
0
High
00
AUI with EADI port
LOW
Impedance
0
1
0
0
High
01
10BASE-T with EADI port
HIGH
Impedance
0
1
0
0
High
10
Invalid
HIGH
Impedance
0
1
0
0
High
11
Invalid
LOW
Impedance
0
1
0
1
High
0X
AUI with EADI port
LOW
Impedance
0
1
0
1
High
0X
10BASE-T with EADI port
HIGH
Impedance
0
1
1
1
HIGH
0X
AUI with EADI port
LOW
0
1
1
1
LOW
0X
10BASE-T with EADI port
HIGH
0
0
1
X
X
0X
10BASE-T
HIGH
Note: RWAKE and ASEL are located in the PHY Configuration Control register (REG ADDR 15). PORTSEL [1–0] and
ENPLSIO are located in the PLS Configuration Control register (REG ADDR 14). All bits must be programmed prior to the
assertion of the
SLEEP pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com