Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940 Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 18Page - Advanced Micro Devices AM79C940 Datasheet HTML 19Page - Advanced Micro Devices AM79C940 Datasheet HTML 20Page - Advanced Micro Devices AM79C940 Datasheet HTML 21Page - Advanced Micro Devices AM79C940 Datasheet HTML 22Page - Advanced Micro Devices AM79C940 Datasheet HTML 23Page - Advanced Micro Devices AM79C940 Datasheet HTML 24Page - Advanced Micro Devices AM79C940 Datasheet HTML 25Page - Advanced Micro Devices AM79C940 Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 122 page
background image
AMD
22
Am79C940
DXCVR Configuration—Normal Operation
SLEEP
ASEL
LNKST
PORTSEL
ENPLSIO
Interface
Pin
Pin
Bit
Pin
[1–0] Bits
Bit
Description
Function
1
X
X
XX
X
SIA Test Mode
High
Impedance
1
0
X
00
X
AUI
LOW
1
0
X
01
X
10BASE-T
HIGH
1
0
X
10
X
DAI Port
HIGH
1
0
X
11
X
GPSI
LOW
1
1
HIGH
0X
X
AUI
LOW
1
1
LOW
0X
X
10BASE-T
HIGH
Note: RWAKE and ASEL are located in the PHY Configuration Control register (REG ADDR 15). PORTSEL [1–0] and
ENPLSIO are located in the PLS Configuration Control register (REG ADDR 14).
10BASE-T Interface
TXD+, TXD–
Transmit Data
(Output)
10BASE-T port differential drivers.
TXP+, TXP–
Transmit Pre-Distortion
(Output)
Transmit wave form differential driver for pre-distortion.
RXD+, RXD–
Receive Data
(Input)
10BASE-T port differential receiver. These pins should
be externally terminated to reduce power consumption if
the 10BASE-T interface is not used.
LNKST
Link Status
(Output Open Drain)
This pin is driven LOW if the link is identified as func-
tional. If the link is determined to be nonfunctional, due
to missing idle link pulses or data packets, then this pin
is not driven (requires external pull-up). In the LOW out-
put state, the pin is capable of sinking a maximum of
12 mA and can be used to drive an LED.
This feature can be disabled by setting the Disable Link
Test (DLNKTST) bit in the PHY Configuration Control
register. In this case the internal Link Test Receive func-
tion is disabled, the
LNKST pin will be driven LOW, and
the Transmit and Receive functions will remain active
regardless of arriving idle link pulses and data. The in-
ternal 10BASE-T MAU will continue to generate idle link
pulses irrespective of the status of the DLNKTST bit.
RXPOL
Receive Polarity
(Output, Open Drain)
The twisted pair receiver is capable of detecting a re-
ceive signal with reversed polarity (wiring error). The
RXPOL pin is normally in the LOW state, indicating cor-
rect polarity of the received signal. If the receiver detects
a received packet with reversed polarity, then this pin is
not driven (requires external pull–up) and the polarity of
subsequent packets are inverted. In the LOW output
state, this pin is capable of sinking a maximum of 12mA
and can be used to drive an LED.
The polarity correction feature can be disabled by set-
ting the Disable Auto Polarity Correction (DAPC) bit in
the PHY Configuration Control register. In this case, the
Receive Polarity correction circuit is disabled and the in-
ternal receive signal remains non-inverted, irrespective
of the received signal. Note that
RXPOL will continue to
reflect the polarity detected by the receiver.
General Purpose Serial Interface (GPSI)
STDCLK
Serial Transmit Data Clock
(Input/Output)
When either the AUI, 10BASE-T or DAI port is selected,
STDCLK is an output operating at one half the crystal or
XTAL1 frequency. STDCLK is the encoding clock for
Manchester data transferred to the output of either the
AUI DO
± pair, the 10BASE-T TXD±/TXP± pairs, or the
DAI port TXDAT
± pair. When using the GPSI port,
STDCLK is an input at the network data rate, provided
by the external Manchester encode/decoder, to strobe
out the NRZ data presented on the TXDAT+ output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com