Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940 Datasheet(PDF) 72 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 72 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 68Page - Advanced Micro Devices AM79C940 Datasheet HTML 69Page - Advanced Micro Devices AM79C940 Datasheet HTML 70Page - Advanced Micro Devices AM79C940 Datasheet HTML 71Page - Advanced Micro Devices AM79C940 Datasheet HTML 72Page - Advanced Micro Devices AM79C940 Datasheet HTML 73Page - Advanced Micro Devices AM79C940 Datasheet HTML 74Page - Advanced Micro Devices AM79C940 Datasheet HTML 75Page - Advanced Micro Devices AM79C940 Datasheet HTML 76Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 122 page
background image
AMD
72
Am79C940
Receive Collision Count (RCVCC) (REG ADDR 27)
RCVCC [7–0]
The Receive Collision Count (RCVCC) is a read only
8-bit counter, incremented when the receiver detects a
collision on the network. Note that the RCVCC value re-
turned in the Receive Frame Status (RFS3) will freeze at
a value of 255, whereas this register based version of
RCVCC is free running. The value will roll over after 255
receive collisions have been detected, setting the
RCVCCO bit (in the Interrupt Register and asserting the
INTR pin if the corresponding mask bit (RCVCCOM in
the Interrupt Mask Register ) is cleared. RCVCC will be
reset to zero when read.
User Test Register (UTR)
(REG ADDR 29)
The User Test Register is used to put the chip into test
configurations. All bits within the Test Register are
cleared upon a hardware or software reset. Bit assign-
ments are as follows:
RTRE
RTRD
RPA
FCOLL
RCVFCSE
LOOP [1–0]
RES
Bit
Name
Description
Bit 7
RTRE
Reserved Test Register Enable.
Access to the Reserved Test
Registers should not be at-
tempted by the user. Note that
access to the Reserved Test
Register may cause damage to
the MACE device if configured
in a system board application.
Access to the Reserved Test
Register is prevented, regard-
less of the state of RTRE, once
RTRD has been set. RTRE is
cleared by activation of the
RE-
SET pin or SWRST bit.
Bit 6
RTRD
Reserved Test Register Disable.
When set, access to the Re-
served Test Registers is inhib-
ited, and further writes to the
RTRD bit are ignored. Access to
the Reserved Test Register is
prevented, regardless of the
state of RTRE, once RTRD has
been set. RTRD can only be
cleared by hardware or software
reset.
Bit 5
RPA
Runt Packet Accept. Allows re-
ceive packets which are less than
the legal minimum as specified
by IEEE 802.3/Ethernet, to be
passed to the host interface via
the Receive FIFO. The receive
packets must be at least 8 bytes
(after SFD) in length to be
accepted. RPA is cleared by acti-
vation of the
RESET pin or
SWRST bit.
Bit 4
FCOLL
Force Collision. Allows the colli-
sion logic to be tested. The
MACE device should be in an in-
ternal loopback test for the
FCOLL test. When FCOLL = 1, a
collision will be forced during the
next transmission attempt. This
will result in 16 total transmission
attempts (if DRTRY = 0) with the
Retry Error reported in the Trans-
mit
Frame
Status
register.
FCOLL is cleared by the activa-
tion of the
RESET pin or SWRST
bit.
Bit 3
RCVFCSE
Receive FCS Enable. Allows the
hardware associated with the
FCS generation to be allocated
to the transmitter or receiver dur-
ing loopback diagnostics. When
clear, the FCS will be generated
and appended to the transmit
message
(providing
that
DXMTFCS
in
the
Transmit
Frame Control is clear), and re-
ceived after the loopback proc-
ess through the Receive FIFO.
When set, the hardware associ-
ated with the FCS generation is
allocated to the receiver. A trans-
mit packet will be assumed to
contain the FCS in the last four
bytes
of
the
frame
passed
through the Transmit FIFO. The
received frame will have the FCS
calculated on the data field and
compared with the last four bytes
contained in the received mes-
sage. An FCS error will be
flagged in the Received Status
(RFS1) if the received and calcu-
lated
values
do
not
match.
RCVFCSE is only valid when in
any one of the loopback modes
as defined by LOOP [0–1]. Note
that if the receive frame is ex-
pected to be recognized on the
basis of a multicast address
match, the FCS logic must be al-
located
to
the
receiver
(RCVFCSE = 1). RCVFCSE is
cleared by activation of the
RESET pin or SWRST bit.
Bit 2–1 LOOP [1–0] Loopback Control. The loopback
functions allow the MACE device
to receive its own transmitted
frames. Three levels of loopback
are provided as shown in the fol-
lowing table. During loopback
operation a multicast address
can
only
be
recognized
if
RCVFCSE = 1. LOOP [0–1] are
cleared by activation of the
RESET pin or SWRST bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com