Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940 Datasheet(PDF) 79 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 79 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 75Page - Advanced Micro Devices AM79C940 Datasheet HTML 76Page - Advanced Micro Devices AM79C940 Datasheet HTML 77Page - Advanced Micro Devices AM79C940 Datasheet HTML 78Page - Advanced Micro Devices AM79C940 Datasheet HTML 79Page - Advanced Micro Devices AM79C940 Datasheet HTML 80Page - Advanced Micro Devices AM79C940 Datasheet HTML 81Page - Advanced Micro Devices AM79C940 Datasheet HTML 82Page - Advanced Micro Devices AM79C940 Datasheet HTML 83Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 122 page
background image
AMD
79
Am79C940
Programmer’s Register Model (continued)
Addr
Mnemonic
Contents
R/W
30
—
Reserved
R/W
as 0
31
—
Reserved
R/W
as 0
SYSTEM APPLICATIONS
Host System Examples
Motherboard DMA Controller
The block diagram shows the MACE device interfacing
to a 8237 type DMA controller. Two external latches are
used to provide a 24 bit address capability. The first
latch stores the address bits A [15:8], which the 8237 will
output on the data line DB [7:0], while the signal ADSTB
is active. The second latch is used as a page register. It
extends the addressing capability of the 8237 from
16-bit to 24-bit. This latch must be programmed by the
system using an I/0 command to generate the signal
LATCHHIGHADR.
The MACE device uses two of the four DMA channels.
One is dedicated to fill the Transmit FIFO and the other
to empty the Receive FIFO. Both DMA channels should
be programmed in the following mode:
Command Register:
Memory to memory disabled
DREQ sense active high
DACK sense active low
Normal timing
Late Write
Note:
This is the same configuration as used in the IBM PC.
The 8237 and the MACE device run synchronous to the
same SCLK. The 8237 is programmed to execute a
transfer in three clock cycles This requires an extra wait
state in the MACE device during FIFO accesses. A sys-
tem not using the same configuration as in the IBM PC
can minimize the bus bandwidth required by the MACE
device by programming the DMA controller in the com-
pressed timing mode.
Care must be taken with respect to the number of trans-
fers within a burst. The 8237 will drive the signal
EOP
low every time the internal counter reaches the zero.
The MACE device however only expects
EOF asserted
on the last byte/word of a packet. This means, that the
word counter of the 8237 should be initially loaded with
the number of bytes/words in the whole packet. If the ap-
plication requires that the packet will be constructed
from several buffers at transmit time, some extra logic is
required to suppress the assertion of
EOF at the end of
all but the last buffer transferred by the DMA controller.
Also note that the DMA controller can only handle either
bytes or words at any time. It requires special handling if
a packet is transferred to the MACE device Transmit
FIFO in word quantities and it ends in an odd byte.
The 8237 requires an extra clock cycle to update the ex-
ternal address latch every 256 transfer cycles. This ex-
ample assumes that an update of the external address
latch occurs only at the beginning of the block transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com