Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940 Datasheet(PDF) 69 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 69 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 65Page - Advanced Micro Devices AM79C940 Datasheet HTML 66Page - Advanced Micro Devices AM79C940 Datasheet HTML 67Page - Advanced Micro Devices AM79C940 Datasheet HTML 68Page - Advanced Micro Devices AM79C940 Datasheet HTML 69Page - Advanced Micro Devices AM79C940 Datasheet HTML 70Page - Advanced Micro Devices AM79C940 Datasheet HTML 71Page - Advanced Micro Devices AM79C940 Datasheet HTML 72Page - Advanced Micro Devices AM79C940 Datasheet HTML 73Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 122 page
background image
AMD
69
Am79C940
RES
RES RES
RES
RES
ADDRCHG
PHYADDR
LOGADDR
Bit
Name
Description
Bit 7
ADDRCHG Address Change. When set, al-
lows the physical and/or logical
address to be read or pro-
grammed. When ADDRCHG is
set, ENRCV will be cleared, the
MPC will be stopped, and the last
or current in progress receive
frame will be received as normal.
After the frame completes, ac-
cess to the internal address RAM
will be permitted, indicated by the
MACE
device
clearing
the
ADDRCHG bit. Please refer to
the register description of the
ENRCV bit in the MAC Configu-
ration Control register (REG
ADDR 13) for the effect of clear-
ing the ENRCV bit. Normal re-
ception can be resumed once the
physical/logical
address
has
been
changed,
by
setting
ENRCV.
Bit 6–3 RES
Reserved.
Read
as
zeroes.
Always write as zeroes.
Bit 2
PHYADDR Physical Address Reset. When
set, successive reads or writes to
the Physical Address Register
will occur in the order PADR
[07–00],
PADR
[15–08],....,
PADR [47–40]. Each read or
write operation on the PADR lo-
cation will auto-increment the in-
ternal pointer to access the next
most significant byte.
Bit 1
LOGADDR Logical Address Reset. When
set, successive reads or writes to
the Logical Address Filter will oc-
cur in the order LADRF [07–00],
LADRF
[15–08],....,LADRF
[63–56]. Each read or write op-
eration on the LADRF location
will auto-increment the internal
pointer to access the next most
significant byte.
Bit 0
RES
Reserved. Read as zero. Always
write as zero.
Logical Address Filter
(LADRF [63–00])
(REG ADDR 20)
LADRF [63–00]
This 64-bit mask is used to accept incoming Logical Ad-
dresses. The Logical Address Filter is expected to be
programmed at initialization (after hardware or software
reset). After a hardware or software reset and before the
ENRCV bit in the MAC Configuration Control register
has been set, the Logical Address can be accessed by
setting the LOG ADDR bit in the Internal Address Con-
figuration register (REG ADDR 18) and then by perform-
ing 8 reads or writes to the Logical Address Filter. Once
ENRCV has been set, the ADDR CHG bit in the Internal
Address Configuration register must be set and be
polled until it is cleared by the MACE device before set-
ting the LOGADDR bit and before accessing of the Logi-
cal Address Filter is allowed.
If the least significant address bit of a received message
is set (Destination Address bit 00 = 1), then the address
is deemed logical, and passed through the FCS genera-
tor. After processing the 48-bit destination address, a
32-bit resultant FCS is produced and strobed into an in-
ternal register. The high order 6-bits of this resultant
FCS are used to select one of the 64-bit positions in the
Logical Address Filter (see diagram). If the selected fil-
ter bit is a
1, the address is accepted and the packet will
be placed in memory.
The first bit of the incoming address must be a
1 for a
logical address. If the first bit is a
0, it is a physical ad-
dress and is compared against the value stored in the
Physical Address Register at initialization.
The Logical Address Filter is used in multicast address-
ing schemes. The acceptance of the incoming frame
based on the filter value indicates that the message may
be intended for the node. It is the user’s responsibility to
determine if the message is actually intended for the
node by comparing the destination address of the stored
message with a list of acceptable logical addresses.
The Broadcast address, which is all ones, does not go
through the Logical Address Filter and is always en-
abled providing that the Disable Receive Broadcast bit
(DRCVBC in the MAC Configuration Control register) is
cleared. If the Logical Address Filter is loaded with all
zeroes (and PROM = 0), all incoming logical addresses
except broadcast will be rejected.
Multicast addressing can only be performed when using
external loopback (LOOP [1–0] = 0) by programming
RCVFCSE = 1 in the User Test Register. The FCS logic
is internally allocated to the receiver section, allowing
the FCS to be computed on the incoming logical
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com