Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940 Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 35Page - Advanced Micro Devices AM79C940 Datasheet HTML 36Page - Advanced Micro Devices AM79C940 Datasheet HTML 37Page - Advanced Micro Devices AM79C940 Datasheet HTML 38Page - Advanced Micro Devices AM79C940 Datasheet HTML 39Page - Advanced Micro Devices AM79C940 Datasheet HTML 40Page - Advanced Micro Devices AM79C940 Datasheet HTML 41Page - Advanced Micro Devices AM79C940 Datasheet HTML 42Page - Advanced Micro Devices AM79C940 Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 122 page
background image
AMD
39
Am79C940
Data
Receiver
Manchester
Decoder
Noise
Reject
Filter
Carrier
Detect
Circuit
DI
±
SRD
SRDCLK
RXCRS
16907A-008A
16235C-5
Receiver Block Diagram
Input Signal Conditioning
Transient noise pulses at the input data stream are re-
jected by the Noise Rejection Filter. Pulse width rejec-
tion is proportional to transmit data rate. DC inputs more
negative than minus 100 mV are also suppressed.
The Carrier Detection circuitry detects the presence of
an incoming data packet by discerning and rejecting
noise from expected Manchester data, and controls the
stop and start of the phase-lock loop during clock acqui-
sition. Clock acquisition requires a valid Manchester bit
pattern of 1010 to lock onto the incoming message.
When input amplitude and pulse width conditions are
met at DI
±, the internal enable signal from the SIA to
controller (RXCRS) is asserted and a clock acquisition
cycle is initiated.
Clock Acquisition
When there is no activity at DI
± (receiver is idle), the re-
ceive oscillator is phase locked to TCK. The first nega-
tive clock transition (bit cell center of first valid
Manchester “0”) after RXCRS is asserted interrupts the
receive oscillator. The oscillator is then restarted at the
second Manchester “0” (bit time 4) and is phase locked
to it. As a result, the SIA acquires the clock from the
incoming Manchester bit pattern in 4 bit times with a
“1010” Manchester bit pattern.
SRDCLK and SRD are enabled 1/4 bit time after clock
acquisition in bit cell 5 if the ENPLSIO bit is set in the
PLS configuration control register. SRD is at a HIGH
state when the receiver is idle (no SRDCLK). SRD how-
ever, is undefined when clock is acquired and may re-
main HIGH or change to LOW state whenever SRDCLK
is enabled. At 1/4 bit time through bit cell 5, the controller
portion of the MACE device sees the first SRDCLK tran-
sition. This also strobes in the incoming fifth bit to the
SIA as Manchester “1”. SRD may make a transition after
the SRDCLK rising edge bit cell 5, but its state is still un-
defined. The Manchester “1” at bit 5 is clocked to SRD
output at 1/4 bit time in bit cell 6.
PLL Tracking
After clock acquisition, the phase-locked clock is com-
pared to the incoming transition at the bit cell center
(BCC) and the resulting phase error is applied to a cor-
rection circuit. This circuit ensures that the phase-
locked clock remains locked on the received signal.
Individual bit cell phase corrections of the Voltage Con-
trolled Oscillator (VCO) are limited to 10% of the phase
difference between BCC and phase-locked clock.
Carrier Tracking and End of Message
The carrier detection circuit monitors the DI
± inputs after
RXCRS is asserted for an end of message. RXCRS de-
asserts 1 to 2 bit times after the last positive transition on
the incoming message. This initiates the end of recep-
tion cycle. The time delay from the last rising edge of the
message to RXCRS deassert allows the last bit to be
strobed by SRDCLK and transferred to the controller
section, but prevents any extra bit(s) at the end of mes-
sage. When IRENA de-asserts (see Receive Timing-
End of Reception (Last Bit = 0) and Receive Timing-End
of Reception (Last Bit = 1) waveform diagrams) an
RXCRS hold off timer inhibits RXCRS assertion for at
least 2 bit times.
Data Decoding
The data receiver is a comparator with clocked output to
minimize noise sensitivity to the DI
± inputs. Input error is
less than
± 35 mV to minimize sensitivity to input rise
and fall time. SRDCLK strobes the data receiver output
at 1/4 bit time to determine the value of the Manchester
bit, and clocks the data out on SRD on the following
SRDCLK. The data receiver also generates the signal
used for phase detector comparison to the internal SIA
voltage controlled oscillator (VCO).
Differential Input Terminations
The differential input for the Manchester data (DI
±) is
externally terminated by two 40.2 ohm
±1% resistors
and one optional common-mode bypass capacitor, as
shown in the Differential Input Termination diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com