Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940 Datasheet(PDF) 63 Page - Advanced Micro Devices

Part # AM79C940
Description  Media Access Controller for Ethernet (MACE)
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940 Datasheet(HTML) 63 Page - Advanced Micro Devices

Back Button AM79C940 Datasheet HTML 59Page - Advanced Micro Devices AM79C940 Datasheet HTML 60Page - Advanced Micro Devices AM79C940 Datasheet HTML 61Page - Advanced Micro Devices AM79C940 Datasheet HTML 62Page - Advanced Micro Devices AM79C940 Datasheet HTML 63Page - Advanced Micro Devices AM79C940 Datasheet HTML 64Page - Advanced Micro Devices AM79C940 Datasheet HTML 65Page - Advanced Micro Devices AM79C940 Datasheet HTML 66Page - Advanced Micro Devices AM79C940 Datasheet HTML 67Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 122 page
background image
AMD
63
Am79C940
the transmission of a packet and
updated the Transmit Frame
Status. The
INTR pin will be acti-
vated if the corresponding mask
bit XMTINTM = 0.
XMTINT is READ/CLEAR only. It
is set by the MACE device and
reset when read. Writing has no
effect. It is also cleared by activa-
tion of the
RESET pin or SWRST
bit.
Interrupt Mask Register (IMR)
(REG ADDR 9)
This register contains the mask bits for the interrupts.
Read/write operations are permitted. Writing a one into
a bit will mask the corresponding interrupt. Writing a
zero to any previously set bit will unmask the corre-
sponding interrupt. Bit assignments for the register are
as follows:
RES
CERRM RCVCCOM RNTPCOM
MPCOM
RCVINTM
BABLM
XMTINTM
Bit
Name
Description
Bit 7
JABM
Jabber Error Mask. JABM is the
mask for JAB. The
INTR pin will
not be asserted by the MACE de-
vice regardless of the state of the
JAB bit, if JABM is set. It is
cleared by activation of the
RE-
SET pin or SWRST bit.
Bit 6
BABLM
Babble Error Mask. BABLM is
the mask for BABL. The
INTR pin
will not be asserted by the MACE
device regardless of the state of
the BABL bit, if BABLM is set. It is
cleared by activation of the
RESET pin or SWRST bit.
Bit 5
CERRM
Collision Error Mask. CERRM is
the mask for CERR. The
INTR
pin will not be asserted by the
MACE device regardless of the
state of the CERR bit, if CERRM
is set. It is cleared by activation of
the
RESET pin or SWRST bit.
Bit 4
RCVCCOM Receive Collision Count Over-
flow Mask. RCVCCOM is the
mask for RCVCCO(Receive Col-
lision Count Overflow). The
INTR
pin will not be asserted by the
MACE device regardless of the
state of the RCVCCO bit, if
RCVCCOM is set. It is cleared by
activation of the
RESET pin or
SWRST bit.
Bit 3
RNTPCOM Runt Packet Count Overflow
Mask. RNTPCOM is the mask for
RNTPCO (Runt Packet Count
Overflow). The
INTR pin will not
be asserted by the MACE device
regardless of the state of the
RNTPCO bit, if RNTPCOM is set.
It is cleared by activation of the
RESET pin or SWRST bit.
Bit 2
MPCOM
Missed Packet Count Overflow
Mask. MPCOM is the mask for
MPCO (Missed Packet Count
Overflow). The
INTR pin will not
be asserted by the MACE device
regardless of the state of the
MPCO bit, if MPCOM is set. It is
cleared by activation of the
RESET pin or SWRST bit.
Bit 1
RCVINTM
Receive
Interrupt
Mask.
RCVINTM
is
the
mask
for
RCVINT. The
INTR pin will not be
asserted by the MACE device re-
gardless of the state of the
RCVINT bit, if RCVINTM is set. It
is cleared by activation of the
RESET pin or SWRST bit.
Bit 0
XMTINTM
Transmit
Interrupt
Mask.
XMTINTM
is
the
mask
for
XMTINT. The
INTR pin will not be
asserted by the MACE device re-
gardless of the state of the
XMTINT bit, if XMTINT is set. It is
cleared by activation of the
RE-
SET pin or SWRST bit.
Poll Register (PR)
(REG ADDR 10)
This register contains copies of internal status bits to
simplify a host implementation which is non-interrupt
driven. The register is read only, and its status is unaf-
fected by read operations. All register bits are cleared by
hardware or software reset. Bit assignments are as fol-
lows:
XMTSV
TDTREQ
RDTREQ
RES
RES
RES
RES
RES
Bit
Name
Description
Bit 7
XMTSV
Transmit Status Valid. Transmit
Status Valid indicates that the
Transmit Frame Status is valid.
Bit 6
TDTREQ
Transmit Data Transfer Request.
An internal indication of the cur-
rent request status of the Trans-
mit FIFO. TDTREQ is set when
the external
TDTREQ signal is
asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com