Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S005C6T6 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM8S005C6T6
Description  Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S005C6T6 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM8S005C6T6 Datasheet HTML 49Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 50Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 51Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 52Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 53Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 54Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 55Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 56Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 103 page
background image
Table 17: General operating conditions
Unit
Max
Min
Conditions
Parameter
Symbol
MHz
16
0
Internal CPU clock
frequency
fCPU
V
5.5
2.95
Standard operating
voltage
VDD/ VDD_IO
nF
3300
470
CEXT: capacitance of
external capacitor
VCAP
(1)
Ohm
0.3
at 1 MHz
(4)
ESR of external
capacitor
nH
15
ESL of external
capacitor
mW
443
48-pin devices, with
output on eight standard
Power dissipation at
TA = 85 °C for suffix 6
PD
(2)
ports, two high sink ports
and two open drain ports
simultaneously
(3)
360
32-pin package, with
output on eight standard
ports and two high sink
ports simultaneously
(3)
°C
85
-40
Maximum power
dissipation
Ambient temperature
for 6 suffix version
TA
105
-40
6 suffix version
Junction temperature
range
TJ
(1)Care should be taken when selecting the capacitor, due to its tolerance, as well as the
parameter dependency on temperature, DC bias and frequency in addition to other factors.
The parameter maximum value must be respected for the full application range.
(2) To calculate P
Dmax(TA), use the formula PDmax = (TJmax - TA)/ΘJA (see Thermal
characteristics ) with the value for TJmax given in the current table and the value for ΘJA
given in Thermal characteristics.
(3) Refer to Thermal characteristics.
(4)This frequency of 1 MHz as a condition for V
CAP parameters is given by design of the
internal regulator.
53/103
DocID022186 Rev 3
Electrical characteristics
STM8S005K6 STM8S005C6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com