Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S005C6T6 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STM8S005C6T6
Description  Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S005C6T6 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM8S005C6T6 Datasheet HTML 47Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 48Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 49Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 50Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 51Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 52Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 53Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 54Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 103 page
background image
Unit
Max
Min
Ratings
Symbol
VDD + 0.3
VSS - 0.3
Input voltage on any other pin
(2)
mV
50
Variations between different power pins
|VDDx -
VDD|
50
Variations between all the different ground pins
|VSSx - VSS|
see Absolute maximum
ratings (electrical sensitivity)
Electrostatic discharge voltage
VESD
(1) All power (V
DD, VDDIO, VDDA) and ground (VSS, VSSIO, VSSA) pins must always be
connected to the external power supply
(2) I
INJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected.
If VIN maximum cannot be respected, the injection current must be limited externally to the
IINJ(PIN) value. A positive injection is induced by VIN>VDD while a negative injection is induced
by VIN<VSS. For true open-drain pads, there is no positive injection current, and the
corresponding VIN maximum must always be respected
Table 15: Current characteristics
Unit
Max.
(1)
Ratings
Symbol
mA
60
Total current into VDD power lines (source)
(2)
IVDD
60
Total current out of VSS ground lines (sink)
(2)
IVSS
20
Output current sunk by any I/O and control pin
IIO
20
Output current source by any I/Os and control pin
200
Total output current sourced (sum of all I/O and control
pins) for devices with two VDDIO pins
(3)
ΣIIO
100
Total output current sourced (sum of all I/O and control
pins) for devices with one VDDIO pin
(3)
160
Total output current sunk (sum of all I/O and control
pins) for devices with two VSSIO pins
(3)
80
Total output current sunk (sum of all I/O and control
pins) for devices with one VSSIO pin
(3)
51/103
DocID022186 Rev 3
Electrical characteristics
STM8S005K6 STM8S005C6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com