Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S005C6T6 Datasheet(PDF) 86 Page - STMicroelectronics

Part # STM8S005C6T6
Description  Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S005C6T6 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STM8S005C6T6 Datasheet HTML 82Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 83Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 84Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 85Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 86Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 87Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 88Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 89Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 103 page
background image
10-bit ADC characteristics
9.3.11
Subject to general operating conditions for VDDA, fMASTER, and TA unless otherwise specified.
Table 43: ADC characteristics
Unit
Max
Typ
Min
Conditions
Parameter
Symbol
MHz
4.0
1.0
VDDA =2.95 to 5.5 V
ADC clock frequency
fADC
6.0
1.0
VDDA =4.5 to 5.5 V
V
5.5
3.0
Analog supply
VDDA
V
VDDA
2.75
(1)
Positive reference voltage
VREF+
V
0.5
(1)
V SSA
Negative reference voltage
VREF-
V
V DDA
V SSA
Conversion voltage range
(2)
VAIN
V
VREF+
VREF-
Devices with
external
VREF+/VREF- pins
pF
3.0
Internal sample and hold
capacitor
CADC
µs
0.75
fADC = 4 MHz
Sampling time
tS
(2)
0.5
fADC = 6 MHz
µs
7.0
Wakeup time from standby
tSTAB
µs
3.5
fADC = 4 MHz
Total conversion time
(including sampling time,
10-bit resolution)
tCONV
µs
2.33
fADC = 6 MHz
1/fADC
14
(1) Data guaranteed by design, not tested in production..
(2) During the sample time the input capacitance C
AIN (3 pF max) can be charged/discharged
by the external source. The internal resistance of the analog source must allow the
capacitance to reach its final voltage level within tS. After the end of the sample time tS,
DocID022186 Rev 3
86/103
STM8S005K6 STM8S005C6
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com