Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S005C6T6 Datasheet(PDF) 87 Page - STMicroelectronics

Part # STM8S005C6T6
Description  Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S005C6T6 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button STM8S005C6T6 Datasheet HTML 83Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 84Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 85Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 86Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 87Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 88Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 89Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 90Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 103 page
background image
changes of the analog input voltage have no effect on the conversion result. Values for the
sample clock tS depend on programming.
Table 44: ADC accuracy with RAIN < 10 kΩ , VDDA= 5 V
Unit
Max
(1)
Typ
Conditions
Parameter
Symbol
LSB
2.5
1.0
fADC = 2 MHz
Total unadjusted error
(2)
|ET|
3.0
1.4
fADC = 4 MHz
3.5
1.6
fADC = 6 MHz
2.0
0.6
fADC = 2 MHz
Offset error
(2)
|EO|
2.5
1.1
fADC = 4 MHz
2.5
1.2
fADC = 6 MHz
2.0
0.2
fADC = 2 MHz
Gain error
(2)
|EG|
2.5
0.6
fADC = 4 MHz
2.5
0.8
fADC = 6 MHz
1.5
0.7
fADC = 2 MHz
Differential linearity error
(2)
|ED|
1.5
0.7
fADC = 4 MHz
1.5
0.8
fADC = 6 MHz
1.5
0.6
fADC = 2 MHz
Integral linearity error
(2)
|EL|
1.5
0.6
fADC = 4 MHz
1.5
0.6
fADC = 6 MHz
(1) Data based on characterisation results, not tested in production.
(2) ADC accuracy vs. negative injection current: Injecting negative current on any of the
analog input pins should be avoided as this significantly reduces the accuracy of the
conversion being performed on another analog input. It is recommended to add a Schottky
diode (pin to ground) to standard analog pins which may potentially inject negative current.
87/103
DocID022186 Rev 3
Electrical characteristics
STM8S005K6 STM8S005C6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com