Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S005C6T6 Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM8S005C6T6
Description  Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S005C6T6 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM8S005C6T6 Datasheet HTML 67Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 68Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 69Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 70Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 71Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 72Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 73Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 74Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 103 page
background image
Table 35: Flash program memory/data EEPROM memory
Unit
Max
Typ
Min
(1)
Conditions
Parameter
Symbol
V
5.5
2.95
fCPU ≤ 16 MHz
Operating voltage (all modes,
execution/write/erase)
VDD
ms
6.6
6.0
Standard programming time
(including erase) for
tprog
byte/word/block (1 byte/4
bytes/128 bytes)
ms
3.3
3.0
Fast programming time for 1 block
(128 bytes)
ms
3.3
3.0
Erase time for 1 block (128 bytes)
terase
cycles
100
TA = 85 °C
Erase/write cycles
(2)(program
memory)
NRW
100 k
TA = 85 ° C
Erase/write cycles(data memory)
(2)
years
20
TRET = 55° C
Data retention (program memory)
after 100 erase/write cycles at TA
= 85 °C
tRET
20
Data retention (data memory) after
10 k erase/write cycles at TA = 85
°C
1
TRET = 85° C
Data retention (data memory) after
100 k erase/write cyclesat TA = 85
°C
mA
2.0
Supply current (Flash
programming or erasing for 1 to
128 bytes)
IDD
(1) Data based on characterization results, not tested in production.
(2) The physical granularity of the memory is 4 bytes, so cycling is performed on 4 bytes
even when a write/erase operation addresses a single byte.
71/103
DocID022186 Rev 3
Electrical characteristics
STM8S005K6 STM8S005C6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com