Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S005C6T6 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM8S005C6T6
Description  Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S005C6T6 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM8S005C6T6 Datasheet HTML 18Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 19Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 20Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 21Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 22Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 23Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 24Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 25Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 103 page
background image
Alternate
function after
remap [option
bit]
Default alternate
function
Main function
(after reset)
Output
Input
Type
Pin name
Pin number
PP
OD
Speed
High
sink
Ext.
interrupt
wpu
floating
LQFP32
LQFP48
1.8 V regulator capacitor
S
VCAP
5
6
Digital power supply
S
VDD
6
7
I/O power supply
S
VDDIO_1
7
8
TIM3_ CH1
[AFR1]
Timer 2 -
channel 3
Port A3
X
X
O1
X
X
X
I/O
PA3/ TIM2
_CH3
[TIM3
_CH1]
-
9
Port A4
X
X
O3
HS
X
X
X
I/O
PA4
-
10
Port A5
X
X
O3
HS
X
X
X
I/O
PA5
-
11
Port A6
X
X
O3
HS
X
X
X
I/O
PA6
-
12
Analog input 12
(2)
Port F4
X
X
O1
X
X
I/O
PF4/
AIN12
(1)
8
-
Analog power supply
S
VDDA
9
13
Analog ground
S
VSSA
10
14
Analog input 7
Port B7
X
X
O1
X
X
X
I/O
PB7/ AIN7
-
15
Analog input 6
Port B6
X
X
O1
X
X
X
I/O
PB6/ AIN6
-
16
I
2
C_SDA
[AFR6]
Analog input 5
Port B5
X
X
O1
X
X
X
I/O
PB5/ AIN5
[I
2
C_
SDA]
11
17
I
2
C_SCL
[AFR6]
Analog input 4
Port B4
X
X
O1
X
X
X
I/O
PB4/ AIN4
[I
2
C_
SCL]
12
18
TIM1_ ETR
[AFR5]
Analog input 3
Port B3
X
X
O1
X
X
X
I/O
PB3/ AIN3
[TIM1_
ETR]
13
19
TIM1_ CH3N
[AFR5]
Analog input 2
Port B2
X
X
O1
X
X
X
I/O
PB2/ AIN2
[TIM1_
CH3N]
14
20
TIM1_ CH2N
[AFR5]
Analog input 1
Port B1
X
X
O1
X
X
X
I/O
PB1/ AIN1
[TIM1_
CH2N]
15
21
TIM1_ CH1N
[AFR5]
Analog input 0
Port B0
X
X
O1
X
X
X
I/O
PB0/ AIN0
[TIM1_
CH1N]
16
22
Analog input 8
Port E7
X
X
O1
X
X
X
I/O
PE7/ AIN8
-
23
Analog input 9
Port E6
X
X
O1
X
X
X
I/O
PE6/ AIN9
-
24
DocID022186 Rev 3
22/103
STM8S005K6 STM8S005C6
Pinout and pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com