Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S005C6T6 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM8S005C6T6
Description  Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S005C6T6 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM8S005C6T6 Datasheet HTML 52Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 53Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 54Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 55Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 56Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 57Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 58Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 59Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 103 page
background image
Unit
Max
(1)
Typ
Conditions
Parameter
Symbol
7.7
HSE crystal osc.
(16 MHz)
fCPU = fMASTER
= 16 MHz
Supply
current in run
mode, code
IDD(RUN)
executed
fromFlash
8.0
7.0
HSE user ext. clock
(16 MHz)
8.0
7.0
HSI RC osc.
(16 MHz)
1.5
HSI RC osc.
(16 MHz/8)
(2)
fCPU = fMASTER
= 2 MHz
2.0
1.35
HSI RC osc.
(16 MHz)
fCPU = fMASTER/128 =
125 kHz
0.75
HSI RC osc.
(16 MHz/8)
fCPU = fMASTER/128 =
15.625 kHz
0.6
LSI RC osc.
(128 kHz)
fCPU = fMASTER
= 128 kHz
(1) Data based on characterization results, not tested in production.
(2) Default clock configuration measured with all peripherals off.
Table 20: Total current consumption with code execution in run mode at VDD = 3.3 V
Unit
Max
(1)
Typ
Conditions
Parameter
Symbol
mA
2.8
HSE crystal osc.
(16 MHz)
fCPU = fMASTER = 16 MHz
Supply
current
in run
IDD(RUN)
mode,
3.2
2.6
HSE user ext. clock
(16 MHz)
code
executed
from
RAM
3.2
2.5
HSI RC osc.
(16 MHz)
DocID022186 Rev 3
56/103
STM8S005K6 STM8S005C6
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com