Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S005C6T6 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM8S005C6T6
Description  Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S005C6T6 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM8S005C6T6 Datasheet HTML 20Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 21Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 22Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 23Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 24Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 25Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 26Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 27Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 103 page
background image
Alternate
function after
remap [option
bit]
Default alternate
function
Main function
(after reset)
Output
Input
Type
Pin name
Pin number
PP
OD
Speed
High
sink
Ext.
interrupt
wpu
floating
LQFP32
LQFP48
SWIM data interface
Port D1
X
X
O4
HS
X
X
X
I/O
PD1/
SWIM
(4)
26
42
TIM2_CH3
[AFR1]
Timer 3 -
channel 1
Port D2
X
X
O3
HS
X
X
X
I/O
PD2/
TIM3_
CH1
[TIM2_
CH3]
27
43
ADC_ ETR
[AFR0]
Timer 2 -
channel 2
Port D3
X
X
O3
HS
X
X
X
I/O
PD3/
TIM2_
CH2
[ADC_
ETR]
28
44
BEEP output
[AFR7]
Timer 2 -
channel 1
Port D4
X
X
O3
HS
X
X
X
I/O
PD4/
TIM2_
CH1
[BEEP]
29
45
UART2 data transmit
Port D5
X
X
O1
X
X
X
I/O
PD5/
UART2_
TX
30
46
UART2 data receive
Port D6
X
X
O1
X
X
X
I/O
PD6/
UART2_
RX
31
47
TIM1_ CH4
[AFR4]
Top level interrupt
Port D7
X
X
O1
X
X
X
I/O
PD7/ TLI
[TIM1_
CH4]
32
48
(1)
A pull-up is applied to PF4 during the reset phase. This pin is input floating after reset release.
(2)
AIN12 is not selectable in ADC scan mode or with analog watchdog.
(3)
In the open-drain output column, ‘T’ defines a true open-drain I/O (P-buffer, weak pull-up, and protection diode to VDD are not implemented).
(4)
The PD1 pin is in input pull-up during the reset phase and after internal reset release.
Alternate function remapping
5.1.1
As shown in the rightmost column of the pin description table, some alternate functions can
be remapped at different I/O ports by programming one of eight AFR (alternate function
remap) option bits. When the remapping option is active, the default alternate function is no
longer available.
To use an alternate function, the corresponding peripheral must be enabled in the peripheral
registers.
Alternate function remapping does not effect GPIO capabilities of the I/O ports (see the GPIO
section of the family reference manual, RM0016).
DocID022186 Rev 3
24/103
STM8S005K6 STM8S005C6
Pinout and pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com