Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3090 Datasheet(PDF) 13 Page - Pixart Imaging Inc.

Part # ADNS-3090
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3090 Datasheet(HTML) 13 Page - Pixart Imaging Inc.

Back Button ADNS-3090 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 13Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 14Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 15Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 17Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
13
Figure 12. Average error vs. Distance (mm)
Typical Performance Characteristics
Figure 11. Mean Resolution vs. Z (White Paper)
0
500
1000
1500
2000
2500
3000
3500
4000
4500
1.6
Distance from Lens Reference Plane to Navigation Surface, Z (mm)
Resolution vs. Z
Straight line at 45deg, Path length = 4inches,
Speed= 6ips, Resolution = 3500cpi
White Paper
Manila
White Formica
BlackFormica
SpruceWood
1.7
1.8
1.9
2.1
2.2
2.3
2.4
2.6
2.7
2.8
2.9
3.1
3.2
3.3
3.4
2.5
2.0
3.0
0
5
10
15
20
25
30
35
40
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
Distance from Lens Reference Plane to Navigation Surface, Z (mm)
Typical Path Deviation
Largestsingle perpendicular deviation from a staright line at 45deg,
Pathlength = 4inches, Speed= 6ips, Resolution = 3500cpi
White Paper
Manila
White Formica
BlackFormica
SpruceWood
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com