Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3090 Datasheet(PDF) 23 Page - Pixart Imaging Inc.

Part # ADNS-3090
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3090 Datasheet(HTML) 23 Page - Pixart Imaging Inc.

Back Button ADNS-3090 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 27Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
23
Registers
The ADNS-3090 registers are accessible via the serial port. The registers are used to read motion data and status as
well as to set the device configuration.
Address
Register
Read/Write
SROM Default Value
0x00
Product_ID
R
0x07
0x01
Revision_ID
R
0xNN
0x02
Motion
R
0x00
0x03
Delta_X
R
0x00
0x04
Delta_Y
R
0x00
0x05
SQUAL
R
0x00
0x06
Pixel_Sum
R
0x00
0x07
Maximum_Pixel
R
0x00
0x08
Reserved
0x09
Reserved
0x0a
Configuration_bits
R/W
0x09
0x0b
Extended_Config
R/W
0x00
0x0c
Data_Out_Lower
R
Any
0x0d
Data_Out_Upper
R
Any
0x0e
Shutter_Lower
R
0x85
0x0f
Shutter_Upper
R
0x00
0x10
Frame_Period_Lower
R
Any
0x11
Frame_Period_Upper
R
Any
0x12
Motion_Clear
W
Any
0x13
Frame_Capture
R/W
0x00
0x14
SROM_Enable
W
0x00
0x15 - 0x18
Reserved
0x19
Frame_Period_Max_Bound Lower
R/W
0xE0
0x1a
Frame_Period_Max_Bound_Upper
R/W
0x2E
0x1b
Frame_Period_Min_Bound_Lower
R/W
0x7E
0x1c
Frame_Period_Min_Bound_Upper
R/W
0x0E
0x1d
Shutter_Max_Bound_Lower
R/W
0x00
0x1e
Shutter_Max_Bound_Upper
R/W
0x20
0x1f
SROM_ID
R
0x00
0x20-0x3c
Reserved
0x3d
Observation
R/W
0x00
0x3e
Reserved
0x3f
Inverse Product ID
R
0xF8
0x40
Pixel_Burst
R
0x00
0x50
Motion_Burst
R
0x00
0x60
SROM_Load
W
Any
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com